전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD16407Q5C 데이터시트(PDF) 8 Page - Texas Instruments

부품명 CSD16407Q5C
상세설명  ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16407Q5C 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CSD16407Q5C_10 Datasheet HTML 3Page - Texas Instruments CSD16407Q5C_10 Datasheet HTML 4Page - Texas Instruments CSD16407Q5C_10 Datasheet HTML 5Page - Texas Instruments CSD16407Q5C_10 Datasheet HTML 6Page - Texas Instruments CSD16407Q5C_10 Datasheet HTML 7Page - Texas Instruments CSD16407Q5C_10 Datasheet HTML 8Page - Texas Instruments CSD16407Q5C_10 Datasheet HTML 9Page - Texas Instruments CSD16407Q5C_10 Datasheet HTML 10Page - Texas Instruments CSD16407Q5C_10 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CSD16407Q5C
SLPS227D – DECEMBER 2009 – REVISED SEPTEMBER 2010
www.ti.com
REVISION HISTORY
Changes from Original (October 2009) to Revision A
Page
Changed the device From: Procuct Preview To: Production ................................................................................................ 1
Changed Application - From: Optimized for Control FET ApplicationsTo: Optimized for Synchronous FET
Applications ........................................................................................................................................................................... 1
Changed the pinout illustration. ............................................................................................................................................ 1
Changed the Q5C Package Dimensions illustration ............................................................................................................. 6
Changes from Revision A (December 2009) to Revision B
Page
Changed the ABSOLUTE MAXIMUM RATINGS table, ID - Continuous Drain Current value From: 30A To: 31A .............. 1
Changed Note 1 of the ABSOLUTE MAXIMUM RATINGS table From: Typical RqJA = 41°C To: Typical RqJA = 40°C ....... 1
Changed Figure 1 - From: Typical RqJA = 98°C/W To: Typical RqJA = 94°C/W .................................................................... 3
Changed Figure 10 - From: Typical RqJA = 98°C/W To: Typical RqJA = 94°C/W .................................................................. 5
Changed Figure 11 - X axis values ...................................................................................................................................... 5
Changes from Revision B (January 2010) to Revision C
Page
Changed the labels on the Bottom View pinout image ......................................................................................................... 1
Changes from Revision C (February 2010) to Revision D
Page
Deleted the Package Marking Information section ............................................................................................................... 7
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CSD16407Q5C


유사한 부품 번호 - CSD16407Q5C_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16407Q5C TI-CSD16407Q5C Datasheet
191Kb / 10P
[Old version datasheet]   DualCool??N-Channel NexFET??Power MOSFET
More results

유사한 설명 - CSD16407Q5C_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com