전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD16408Q5 데이터시트(PDF) 6 Page - Texas Instruments

부품명 CSD16408Q5
상세설명  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16408Q5 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CSD16408Q5_11 Datasheet HTML 2Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 3Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 4Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 5Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 6Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 7Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 8Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 9Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M0140-01
E1
q
L
K
L
E1
E2
TopView
BottomView
FrontView
SideView
q
c1
CSD16408Q5
SLPS228A – OCTOBER 2009 – REVISED SEPTEMBER 2010
www.ti.com
MECHANICAL DATA
Q5 Package Dimensions
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
0.950
1.050
0.037
0.039
b
0.360
0.460
0.014
0.018
c
0.150
0.250
0.006
0.010
c1
0.150
0.250
0.006
0.010
D1
4.900
5.100
0.193
0.201
D2
4.320
4.520
0.170
0.178
E
4.900
5.100
0.193
0.201
E1
5.900
6.100
0.232
0.240
E2
3.920
4.12
0.154
0.162
e
1.27 typ
0.050
L
0.510
0.710
0.020
0.028
q
0.00
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


유사한 부품 번호 - CSD16408Q5_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16408Q5C TI-CSD16408Q5C Datasheet
177Kb / 10P
[Old version datasheet]   DualCool??N-Ch NexFET??Power MOSFET
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

유사한 설명 - CSD16408Q5_11

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com