전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1DC-0509SH60Z 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM1DC-0509SH60Z
상세설명  1 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DC-0509SH60Z 데이터시트(HTML) 3 Page - AIMTEC

  AM1DC-0509SH60Z Datasheet HTML 1Page - AIMTEC AM1DC-0509SH60Z Datasheet HTML 2Page - AIMTEC AM1DC-0509SH60Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM1DC-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.E
3 of 3
North America only
Safety Specifications
Parameters
Standards
Designed to meet IEC 60950-1: 2001
Pin Out Specifications
Pin
6000 VDC
Single
Dual
1
+ V Input
+ V Input
2
- V Input
- V Input
5
- V Output
- V Output
6
No pin
Common
7
+ V Output
+ V Output
Dimensions
Derating
Recommended Application circuit for reducing the output ripple and noises:
Recommended Output Capacitor to reduce the converter’s ripple and noises for single output models is 4.7µF to 100µF and for dual
output models is 4.7µF to 68µF connected to both outputs.
Li with value of 12µH and Ci with value 10µF to 100µF are recommended to be connected to the input of the converter for EMI
improvement.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Free Air Convection
70ºC
Safe Operating Area
-40
020 40 60
85
0
20
40
60
80
100
100
-20
80
Ambient Temperature º C
19.56
(0.77)
15.20
(0.60)
2.54
(0.10)
9.80
(0.39)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
2.40
(0.09)
9.80
(0.39)
12.50
(0.49)
12.00
(0.47)
3.50
(0.14)
0.50
(0.02)


유사한 부품 번호 - AM1DC-0509SH60Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1DC-Z AIMTEC-AM1DC-Z Datasheet
789Kb / 4P
   1 Watt | DC-DC Converter
AM1DC-Z AIMTEC-AM1DC-Z_13 Datasheet
789Kb / 4P
   1 Watt | DC-DC Converter
More results

유사한 설명 - AM1DC-0509SH60Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com