전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3T-2407DZ 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM3T-2407DZ
상세설명  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-2407DZ 데이터시트(HTML) 1 Page - AIMTEC

  AM3T-2407DZ Datasheet HTML 1Page - AIMTEC AM3T-2407DZ Datasheet HTML 2Page - AIMTEC AM3T-2407DZ Datasheet HTML 3Page - AIMTEC AM3T-2407DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM3T-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Capacitive load,
max (μF)
Efficiency
(%)
AM3T-1203SZ
9-18
3.3
800
1500
470
73
AM3T-1205SZ
9-18
5
600
1500
470
76
AM3T-1207SZ
9-18
7.2
417
1500
68
78
AM3T-1209SZ
9-18
9
333
1500
68
77
AM3T-1212SZ
9-18
12
250
1500
47
79
AM3T-1215SZ
9-18
15
200
1500
47
79
AM3T-1218SZ
9-18
18
167
1500
22
80
AM3T-1224SZ
9-18
24
125
1500
22
79
AM3T-2403SZ
18-36
3.3
800
1500
470
73
AM3T-2405SZ
18-36
5
600
1500
470
77
AM3T-2407SZ
18-36
7.2
417
1500
68
79
AM3T-2409SZ
18-36
9
333
1500
68
78
AM3T-2412SZ
18-36
12
250
1500
47
78
AM3T-2415SZ
18-36
15
200
1500
47
78
AM3T-2418SZ
18-36
18
167
1500
22
79
AM3T-2424SZ
18-36
24
125
1500
22
78
AM3T-4803SZ
36-72
3.3
800
1500
470
75
AM3T-4805SZ
36-72
5
600
1500
470
80
AM3T-4807SZ
36-72
7.2
417
1500
68
80
AM3T-4809SZ
36-72
9
333
1500
68
80
AM3T-4812SZ
36-72
12
250
1500
47
82
AM3T-4815SZ
36-72
15
200
1500
47
82
AM3T-4818SZ
36-72
18
167
1500
22
80
AM3T-4824SZ
36-72
24
125
1500
22
80
AM3T-1203SH35Z
9-18
3.3
800
3500
470
73
AM3T-1205SH35Z
9-18
5
600
3500
470
76
AM3T-1207SH35Z
9-18
7.2
417
3500
68
78
AM3T-1209SH35Z
9-18
9
333
3500
68
77
AM3T-1212SH35Z
9-18
12
250
3500
47
79
AM3T-1215SH35Z
9-18
15
200
3500
47
79
AM3T-1218SH35Z
9-18
18
167
3500
22
80
AM3T-1224SH35Z
9-18
24
125
3500
22
79
AM3T-2403SH35Z
18-36
3.3
800
3500
470
75
AM3T-2405SH35Z
18-36
5
600
3500
470
80
AM3T-2407SH35Z
18-36
7.2
417
3500
68
80
AM3T-2409SH35Z
18-36
9
333
3500
68
80
AM3T-2412SH35Z
18-36
12
250
3500
47
82
AM3T-2415SH35Z
18-36
15
200
3500
47
82
AM3T-2418SH35Z
18-36
18
167
3500
22
80
AM3T-2424SH35Z
18-36
24
125
3500
22
80
AM3T-4803SH35Z
36-72
3.3
800
3500
470
80
AM3T-4805SH35Z
36-72
5
600
3500
470
77
AM3T-4807SH35Z
36-72
7.2
417
3500
68
81
AM3T-4809SH35Z
36-72
9
333
3500
68
78
AM3T-4812SH35Z
36-72
12
250
3500
47
80
AM3T-4815SH35Z
36-72
15
200
3500
47
80
• RoHS compliant
• Operating temperature -40
oC to + 85oC
• Wide 2:1 input range
Input / Output Isolation 1500 and 3500 VDC
• High efficiency up to 82%
Pin compatible with multiple manufacturers
• Continuous short circuit protection
Low profile metal package


유사한 부품 번호 - AM3T-2407DZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM3T-2407DZ AIMTEC-AM3T-2407DZ Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
More results

유사한 설명 - AM3T-2407DZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com