전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM2D-0524DH40Z 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM2D-0524DH40Z
상세설명  2 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-0524DH40Z 데이터시트(HTML) 1 Page - AIMTEC

  AM2D-0524DH40Z Datasheet HTML 1Page - AIMTEC AM2D-0524DH40Z Datasheet HTML 2Page - AIMTEC AM2D-0524DH40Z Datasheet HTML 3Page - AIMTEC AM2D-0524DH40Z Datasheet HTML 4Page - AIMTEC AM2D-0524DH40Z Datasheet HTML 5Page - AIMTEC AM2D-0524DH40Z Datasheet HTML 6Page - AIMTEC AM2D-0524DH40Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series AM2D-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.F
1 of 7
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM2D-0503SZ
4.5-5.5
3.3
400
1000
470
72
AM2D-0505SZ
4.5-5.5
5
400
1000
470
78
AM2D-0507SZ
4.5-5.5
7.2
278
1000
470
80
AM2D-0509SZ
4.5-5.5
9
222
1000
470
80
AM2D-0512SZ
4.5-5.5
12
167
1000
470
82
AM2D-0515SZ
4.5-5.5
15
134
1000
470
82
AM2D-0518SZ
4.5-5.5
18
111
1000
470
82
AM2D-0524SZ
4.5-5.5
24
83
1000
470
82
AM2D-1203SZ
10.8-13.2
3.3
400
1000
470
65
AM2D-1205SZ
10.8-13.2
5
400
1000
470
77
AM2D-1207SZ
10.8-13.2
7.2
278
1000
470
80
AM2D-1209SZ
10.8-13.2
9
222
1000
470
80
AM2D-1212SZ
10.8-13.2
12
167
1000
470
82
AM2D-1215SZ
10.8-13.2
15
134
1000
470
82
AM2D-1218SZ
10.8-13.2
18
111
1000
470
80
AM2D-1224SZ
10.8-13.2
24
83
1000
470
80
AM2D-2403SZ
21.6-26.4
3.3
400
1000
470
72
AM2D-2405SZ
21.6-26.4
5
400
1000
470
79
AM2D-2407SZ
21.6-26.4
7.2
278
1000
470
80
AM2D-2409SZ
21.6-26.4
9
222
1000
470
80
AM2D-2412SZ
21.6-26.4
12
167
1000
470
80
AM2D-2415SZ
21.6-26.4
15
134
1000
470
82
AM2D-2418SZ
21.6-26.4
18
111
1000
470
82
AM2D-2424SZ
21.6-26.4
24
83
1000
470
82
AM2D-0503SH30Z
4.5-5.5
3.3
400
3000
470
72
AM2D-0505SH30Z
4.5-5.5
5
400
3000
470
78
AM2D-0507SH30Z
4.5-5.5
7.2
278
3000
470
80
AM2D-0509SH30Z
4.5-5.5
9
222
3000
470
80
AM2D-0512SH30Z
4.5-5.5
12
167
3000
470
82
AM2D-0515SH30Z
4.5-5.5
15
134
3000
470
82
AM2D-0518SH30Z
4.5-5.5
18
111
3000
470
82
AM2D-0524SH30Z
4.5-5.5
24
83
3000
470
82
AM2D-1203SH30Z
10.8-13.2
3.3
400
3000
470
65
AM2D-1205SH30Z
10.8-13.2
5
400
3000
470
77
AM2D-1207SH30Z
10.8-13.2
7.2
278
3000
470
80
AM2D-1209SH30Z
10.8-13.2
9
222
3000
470
80
AM2D-1212SH30Z
10.8-13.2
12
167
3000
470
82
AM2D-1215SH30Z
10.8-13.2
15
134
3000
470
82
AM2D-1218SH30Z
10.8-13.2
18
111
3000
470
80
AM2D-1224SH30Z
10.8-13.2
24
83
3000
470
80
AM2D-2403SH30Z
21.6-26.4
3.3
400
3000
470
72
AM2D-2405SH30Z
21.6-26.4
5
400
3000
470
79
AM2D-2407SH30Z
21.6-26.4
7.2
278
3000
470
80
AM2D-2409SH30Z
21.6-26.4
9
222
3000
470
80
AM2D-2412SH30Z
21.6-26.4
12
167
3000
470
80
 RoHS Compliant
 Operating temperature -40oC to +75oC
 Low ripple and noise
 Pin compatible with multiple manufacturers
 High efficiency up to 82%
 Input / Output Isolation 1000,3000, 4000 and 5200VDC
 7 pin SIP package


유사한 부품 번호 - AM2D-0524DH40Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM2D-0524DH40Z AIMTEC-AM2D-0524DH40Z Datasheet
279Kb / 11P
   2 Watt | DC-DC Converter
More results

유사한 설명 - AM2D-0524DH40Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com