전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

218-0179-000 데이터시트(PDF) 7 Page - ITT Industries

부품명 218-0179-000
상세설명  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

218-0179-000 데이터시트(HTML) 7 Page - ITT Industries

Back Button 218-0179-000 Datasheet HTML 3Page - ITT Industries 218-0179-000 Datasheet HTML 4Page - ITT Industries 218-0179-000 Datasheet HTML 5Page - ITT Industries 218-0179-000 Datasheet HTML 6Page - ITT Industries 218-0179-000 Datasheet HTML 7Page - ITT Industries 218-0179-000 Datasheet HTML 8Page - ITT Industries 218-0179-000 Datasheet HTML 9Page - ITT Industries 218-0179-000 Datasheet HTML 10Page - ITT Industries 218-0179-000 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
6
ZIF Connectors
DLD
DLD Drawer Product Introduction
Cannon has combined Zero Insertion
Force (ZIF) technology with remote
electrical engagement. The DLD Drawer
allows the movement of a drawer or panel to
effortlessly mate/unmate the connector halves. As
an example: electrical sub-systems can be easily
removed for service, interchangability, or
portability.
By specifying DLD Drawer interconnect systems,
your packaging design is simplified as the need for
expensive, complicated, and space-consuming
manual actuation mechanisms is eliminated. Tight
space requirements no longer restrict your use of
ZIF connectors.
The contacts in the DLD Drawer product line do not
touch each other while the connector halves are
mating. This unique ZIF technology, introduced in
the Cannon DL series in the early 1970’s, has
time-tested proven reliability and durability.
The DLD Drawer’s remote mating feature utilizes
the axial thrust of a cam to move and mate the
contacts. At the end of the cam travel, the cam
ramps on a flat surface thereby negating any
uncoupling forces.
This rack-and-panel connector is available with
crimp or square post contacts, allowing cable,
PCB, or flat-flex termination.
Materials and Finishes
DLD1/2 Housing
Glass Filled thermoplastic, UL 94V-1 rated, Color: Black
Crimp Contact*
Copper alloy, 50
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Copper alloy, 20
µ inches gold over 50µ inches nickel in mating area, tin lead on balance
Square Post Contact
Copper alloy, 50
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Copper alloy, 20
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Insulator Retainer (Plug Only)
Stainless steel, Passivated
Actuating Camshaft (Receptacle Only)
Stainless steel
Spring Mounting Screw (Receptacle Only)
Stainless steel, Passivated
Compression Spring (Receptacle Only)
Music wire, zinc plated
* Order crimp contacts separately, see pages 52-53.


유사한 부품 번호 - 218-0179-000

제조업체부품명데이터시트상세설명
logo
CTS Corporation
218-02LPST CTS-218-02LPST Datasheet
324Kb / 2P
   SMT Half Pitch DIP Switch?밃uto Placeable
218-02LPSTJF CTS-218-02LPSTJF Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
218-04LPSTJF CTS-218-04LPSTJF Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
218-06LPSTJF CTS-218-06LPSTJF Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
218-08LPSTJF CTS-218-08LPSTJF Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
More results

유사한 설명 - 218-0179-000

제조업체부품명데이터시트상세설명
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com