전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

218-0181-000 데이터시트(Datasheet) 14 Page - ITT Industries

부품명 218-0181-000
상세내용  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo 

 14 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
13
ZIF Connectors
DL/DLM/DLD
How to Order — Receptacle
Contact Style
Nomenclature
Part Number
Size
Type
No. of Contacts
Contact Style
Page Reference
Crimp AWG #42-#18
(50
µ inches Gold, FLAT in Receptacle)
Note: Crimp Contacts Sold Separately
DL1-156R
086-0030-000
DL1
Plastic Body
156 Pin Connector
Crimp
14
DLM1-156R
127050-0208
DLM1
Metal Body
156 Pin Connector
Crimp
16
DLD1-156R
111497-0004
DLD1
Plastic Body
156 Pin Connector
Crimp
19
DL2-96R
086-0031-000
DL2
Plastic Body
96 Pin Connector
Crimp
21
DLM2-96R
127050-0216
DLM2
Metal Body
96 Pin Connector
Crimp
23
DLD2-96R
111921-0000
DLD2
Plastic Body
96 Pin Connector
Crimp
26
DL3-60R
086-0032-000
DL3
Plastic Body
60 Pin Connector
Crimp
28
DLM3-60R
127050-0224
DLM3
Metal Body
60 Pin Connector
Crimp
30
DL4-624R
110960-0002
DL4
Metal Frame
624 Pin Connector
Crimp
33
DL4-1248R
110960-0003
DL4
Metal Frame
1248 Pin Connector
Crimp
**
DL4-2496R
110960-0004
DL4
Metal Frame
2496 Pin Connector
Crimp
**
DL5-260R
086-4501-000
DL5
Plastic Body
260 Pin Connector
Crimp
35
DLM5-260R
127050-0110
DLM5
Metal Body
260 Pin Connector
Crimp
37
DLM6-360R
127050-0045
DLM6
Metal Body
360 Pin Connector
Crimp
40
Square Post 7,11 (.280) Ext.
50
µ inches Gold, FLAT
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
Interconnect Termination
DL1-156RW6B*
110536-1007
DL1
Plastic Body
156 Pin Connector
Square Post
15
DLM1-156RW6B*
112135-0000
DLM1
Metal Body
156 Pin Connector
Square Post
17
DLD1-156RW6B*
111497-0010
DLD1
Plastic Body
156 Pin Connector
Square Post
20
DL2-96RW6B*
110855-0014
DL2
Plastic Body
96 Pin Connector
Square Post
22
DLM2-96RW6B*
112137-0000
DLM2
Metal Body
96 Pin Connector
Square Post
24
DLD2-96RW6B*
111921-0002
DLD2
Plastic Body
96 Pin Connector
Square Post
27
DL3-60RW6B*
110901-0010
DL3
Plastic Body
60 Pin Connector
Square Post
29
DLM3-60RW6B*
112139-0000
DLM3
Metal Body
60 Pin Connector
Square Post
31
DL4-624RW6B*
110960-0048
DL4
Metal Frame
624 Pin Connector
Square Post
34
DL5-260RW6B*
111987-0000
DL5
Plastic Body
260 Pin Connector
Square Post
36
DLM5-260RW6B*
112087-0000
DLM5
Metal Body
260 Pin Connector
Square Post
38
DLM6-360RW6B*
111996-0001
DLM6
Metal Body
360 Pin Connector
Square Post
41
Square Post 3,18 (.125) Ext.
50
µ inches Gold, FLAT
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
DL110536-1011
110536-1011
DL1
Plastic Body
156 Pin Connector
Square Post
15
DLM112135-2
112135-0002
DLM1
Metal Body
156 Pin Connector
Square Post
17
DLM112137-2
112137-0002
DLM2
Metal Body
96 Pin Connector
Square Post
24
DLM112139-2
112139-0002
DLM3
Metal Body
60 Pin Connector
Square Post
31
DLM112087-3
112087-0003
DLM5
Metal Body
260 Pin Connector
Square Post
38
DLM111996-5
111996-0005
DLM6
Metal Body
360 Pin Connector
Square Post
41
Wrap Post 15,37 (.605) Ext.
50
µ inches Gold, FLAT
Std. Square Post
0,64 (.025)
Factory Installed
DL1-156RW4B*
110536-1006
DL1
Plastic Body
156 Pin Connector
Wrap Post
15
DLM1-156RW4B*
112135-0001
DLM1
Metal Body
156 Pin Connector
Wrap Post
17
DLD1-156RW4B*
111497-0009
DLD1
Plastic Body
156 Pin Connector
Wrap Post
20
DL2-96RW4B*
110855-0013
DL2
Plastic Body
96 Pin Connector
Wrap Post
22
DLM2-96RW4B*
112137-0001
DLM2
Metal Body
96 Pin Connector
Wrap Post
24
DLD2-96RW4B*
111921-0001
DLD2
Plastic Body
96 Pin Connector
Wrap Post
27
DL3-60RW4B*
110901-0009
DL3
Plastic Body
60 Pin Connector
Wrap Post
29
DLM3-60RW4B*
112139-0001
DLM3
Metal Body
60 Pin Connector
Wrap Post
31
DL4-624RW4B*
110960-0045
DL4
Metal Frame
624 Pin Connector
Wrap Post
34
DL5-260RW4B*
111987-0001
DL5
Plastic Body
260 Pin Connector
Wrap Post
36
DLM5-260RW4B*
112087-0001
DLM5
Metal Body
260 Pin Connector
Wrap Post
38
DLM6-360RW4B*
111996-0000
DLM6
Metal Body
360 Pin Connector
Wrap Post
41
Square Post 7,11 (.280) Ext.
20
µ inches Gold, Hermophroditic
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
DL1-156RW6
110536-1009
DL1
Plastic Body
156 Pin Connector
Square Post
15
Wrap Post 15,37 (.605) Ext.
20
µ inches Gold, Hermophroditic
Std. Square Post
0,64 (.025)
Factory Installed
DL1-156RW4
110536-1003
DL1
Plastic Body
156 Pin Connector
Wrap Post
15
DL2-96RW4
110855-0008
DL2
Plastic Body
96 Pin Connector
Wrap Post
22
DL3-60RW4
110901-0004
DL3
Plastic Body
60 Pin Connector
Wrap Post
29
DL4-624RW4
110960-0022
DL4
Metal Frame
624 Pin Connector
Wrap Post
34
PC / RC 4,50 (.177) Ext.
20
µ inches Gold - 4 A max.
Round Tail -
X 0,50 (.020)
Factory Installed
Solder to PCB Through Hole
DLM1-156RC
127050-0211
DLM1
Metal Body
156 Pin Connector
RC
18
DLM2-96RC
127050-0219
DLM2
Metal Body
96 Pin Connector
RC
25
DLM3-60RC
127050-0227
DLM3
Metal Body
60 Pin Connector
RC
32
DLM5-260RC
127050-0112
DLM5
Metal Body
260 Pin Connector
RC
39
DLM6-360RC
127050-0098
DLM6
Metal Body
360 Pin Connector
RC
42
Note: 50
µ inches gold contacts (Bump on plug side, Flat on receptacle side) are mandatory for applications with less than 100 milliamps.
** Similar to DL4-624, see pages 33-34.
Contact Cannon for details.
* ‘‘B’’ designates receptacle contacts
manditory for low current applications less
than 100 milliamps.
* ‘‘B’’ designates receptacle contacts
manditory for low current applications less
than 100 milliamps.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl