전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD588 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD588
상세설명  High Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD588 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD588 Datasheet HTML 4Page - Analog Devices AD588 Datasheet HTML 5Page - Analog Devices AD588 Datasheet HTML 6Page - Analog Devices AD588 Datasheet HTML 7Page - Analog Devices AD588 Datasheet HTML 8Page - Analog Devices AD588 Datasheet HTML 9Page - Analog Devices AD588 Datasheet HTML 10Page - Analog Devices AD588 Datasheet HTML 11Page - Analog Devices AD588 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. D
–10–
AD588
Attempts to drive a large capacitive load (in excess of 1,000 pF)
may result in ringing or oscillation, as shown in the step response
photo (Figure 19a). This is due to the additional pole formed by
the load capacitance and the output impedance of the amplifier,
which consumes phase margin. The recommended method of
driving capacitive loads of this magnitude is shown in Figure 19b.
The 150
Ω resistor isolates the capacitive load from the output
stage, while the 10 k
Ω resistor provides a dc feedback path and
preserves the output accuracy. The 1
µF capacitor provides a
high frequency feedback loop. The performance of this circuit is
shown in Figure 19c.
Figure 19a. Output Amplifier Step Response, CL = 1
µF
VIN
VOUT
+
10k
1 F
CL
1 F
150
Figure 19b. Compensation for Capacitive Loads
Figure 19c. Output Amplifier Step Response
Using Figure 19b Compensation
USING THE AD588 WITH CONVERTERS
The AD588 is an ideal reference for a wide variety of A/D and
D/A converters. Several representative examples follow.
14-Bit Digital-to-Analog Converter—AD7535
High resolution CMOS D/A converters require a reference voltage
of high precision to maintain rated accuracy. The combination
of the AD588 and AD7535 takes advantage of the initial accu-
racy, drift, and full Kelvin output capability of the AD588 as
well as the resolution, monotonicity, and accuracy of the AD7535
to produce a subsystem with outstanding characteristics. See
Figure 20.
16-Bit Digital-to-Analog Converter—AD569
Another application that fully utilizes the capabilities of the
AD588 is supplying a reference for the AD569, as shown in
Figure 21. Amplifier A2 senses system common and forces VCT
to assume this value, producing +5 V and –5 V at Pin 6 and
Pin 8, respectively. Amplifiers A3 and A4 buffer these voltages
out to the appropriate reference force-sense pins of the AD569.
The full Kelvin scheme eliminates the effect of the circuit traces
or wires and the wire bonds of the AD588 and AD569 them-
selves, which would otherwise degrade system performance.
SUBSTITUTING FOR INTERNAL REFERENCES
Many converters include built-in references. Unfortunately,
such references are the major source of drift in these converters.
By using a more stable external reference like the AD588, drift
performance can be improved dramatically.


유사한 부품 번호 - AD588

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD588 AD-AD588_15 Datasheet
505Kb / 20P
   Multiple Output, High Precision, Dual-Tracking Reference
Rev. L
More results

유사한 설명 - AD588

제조업체부품명데이터시트상세설명
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501_V01 Datasheet
13Mb / 39P
   High-Precision Buffered Voltage Reference
Revision G February 2022
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
   High-Precision Buffered Voltage Reference
07/14/15
MCP1502 MICROCHIP-MCP1502 Datasheet
18Mb / 28P
   High-Precision Buffered Voltage Reference
Revision A September 2021
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com