전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM40E-1215SZ 데이터시트(PDF) 7 Page - AIMTEC

부품명 AM40E-1215SZ
상세설명  40 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40E-1215SZ 데이터시트(HTML) 7 Page - AIMTEC

  AM40E-1215SZ Datasheet HTML 1Page - AIMTEC AM40E-1215SZ Datasheet HTML 2Page - AIMTEC AM40E-1215SZ Datasheet HTML 3Page - AIMTEC AM40E-1215SZ Datasheet HTML 4Page - AIMTEC AM40E-1215SZ Datasheet HTML 5Page - AIMTEC AM40E-1215SZ Datasheet HTML 6Page - AIMTEC AM40E-1215SZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Series AM40E-Z
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
7 of 7
North America only
EFT/Surge
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C1
L1
C2/C3/C5/C6
C4
C7
C8
C9
AM40E-12xxSZ
(single)
220µF,
100V
Common
Choke 68µH
1812,6.8µF,
50V
330µF, 100V
1206,1000pF,
2KV
AM40E-24xxSZ
(single)
220µF,
100V
Common
Choke 68µH
1812,4.7µF,
50V
220µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
AM40E-48xxSZ
(single)
220µF,
100V
Common
Choke 68µH
1812,1.5µF,
50V
220µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
AM40E-12xxDZ
(dual)
220µF,
100V
Common
Choke 68µH
1812,6.8µF,
50V
330µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
AM40E-24xxDZ
(dual)
220µF,
100V
Common
Choke 68µH
1812,4.7µF,
50V
220µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
AM40E-48xxDZ
(dual)
220µF,
100V
Common
Choke 68µH
1812,1.5µF,
50V
220µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
C1
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
220uF
100V


유사한 부품 번호 - AM40E-1215SZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM40E-1215SZ AIMTEC-AM40E-1215SZ Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
More results

유사한 설명 - AM40E-1215SZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com