전자부품 데이터시트 검색엔진 |
|
AM30K-2415DH30IZ 데이터시트(PDF) 2 Page - AIMTEC |
|
AM30K-2415DH30IZ 데이터시트(HTML) 2 Page - AIMTEC |
2 / 5 page Series AM30K-IZ 30 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R8.D 2 of 5 North America only Models Dual output (continued) Model Input Voltage (V) Output Voltage (V) Output Current max (A) Ripple & Noise Typ. Isolation (VDC) Efficiency (%) AM30K-1205DH30IZ 9-18 ±5 ±3 80 mV p-p 3000 81 AM30K-1212DH30IZ 9-18 ±12 ±1.25 120 mV p-p 3000 83 AM30K-1215DH30IZ 9-18 ±15 ±1 150 mV p-p 3000 83 AM30K-2405DH30IZ 18-36 ±5 ±3 80 mV p-p 3000 83 AM30K-2412DH30IZ 18-36 ±12 ±1.25 120 mV p-p 3000 85 AM30K-2415DH30IZ 18-36 ±15 ±1 150 mV p-p 3000 85 AM30K-4805DH30IZ 36-75 ±5 ±3 80 mV p-p 3000 84 AM30K-4812DH30IZ 36-75 ±12 ±1.25 120 mV p-p 3000 85 AM30K-4815DH30IZ 36-75 ±15 ±1 150 mV p-p 3000 85 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 12 9-18 VDC 24 18-36 48 36-75 Filter π (Pi) Network Recommended input fuse (Slow Blow) 12 Vin 8A/250V 24 Vin 4A/250V 48 Vin 2A/250V Remote On/Off Control On 3.5 to 12VDC or open circuit Off 0 to 1.2VDC or short circuit between pin 2 and 4; typical idle current 3mA Absolute Maximum Rating 12 Vin 20 VDC 24 Vin 40 48 Vin 80 Permissible absolute maximum duration 2 hours Isolation Specifications Parameters Conditions Typical Maximum Units Tested I/O voltage 3 sec 1500 & 3000 VDC Resistance > 1000 MOhm Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±2 % Short Circuit protection Continuous Short Circuit restart Auto recovery Over load protection Auto recovery works at 110% of rated output Over voltage protection Zener diode clamp protection Line voltage regulation (Single) HL-LL ±0.5 % Line voltage regulation (Dual) HL-LL ±0.5 % Load voltage regulation (Single) 25-100% ±0.5 % Load voltage regulation (Dual) 25-100% ±2 % Temperature coefficient ±0.05 %/oC Voltage adjustment range ±10 % General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 250 KHz Operating temperature With derating above 70ºC -40 to +85 oC Storage temperature -55 to +105 oC Maximum case temperature 95 oC Thermal shutdown +105 +115 oC |
유사한 부품 번호 - AM30K-2415DH30IZ |
|
유사한 설명 - AM30K-2415DH30IZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |