전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD605BN 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD605BN
상세설명  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD605BN 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD605BN Datasheet HTML 4Page - Analog Devices AD605BN Datasheet HTML 5Page - Analog Devices AD605BN Datasheet HTML 6Page - Analog Devices AD605BN Datasheet HTML 7Page - Analog Devices AD605BN Datasheet HTML 8Page - Analog Devices AD605BN Datasheet HTML 9Page - Analog Devices AD605BN Datasheet HTML 10Page - Analog Devices AD605BN Datasheet HTML 11Page - Analog Devices AD605BN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD605
–9–
REV. C
From these equations one can see that all gain curves intercept
at the same –19 dB point; this intercept will be 14 dB higher
(–5 dB) if the FBK to OUT connection is left open. Outside
of the central linear range, the gain starts to deviate from the
ideal control law but still provides another 8.4 dB of range.
For a given gain scaling one can calculate VREF as shown in
Equation 6.
V REF
=
2.500V
× 20 dB /V
Gain Scale
(6)
35
30
25
20
15
10
5
0
–5
–10
–15
–20
40dB/V
30dB/V
20dB/V
LINEAR-IN-dB RANGE
OF AD605
1.0
0.5
1.5
2.0
2.5
3.0
GAIN CONTROL VOLTAGE
Figure 3. Ideal Gain Curves vs. VREF
Usable gain control voltage ranges are 0.1 V to 2.9 V for 20 dB/V
scale and 0.1 V to 1.45 V for the 40 dB/V scale. VGN voltages
of less than 0.1 V are not used for gain control since below
50 mV the channel is powered down. This can be used to con-
serve power and at the same time gate-off the signal. The supply
current for a powered-down channel is 1.9 mA, the response
time to power the device on or off is less than 1
µs.
Active Feedback Amplifier (Fixed Gain Amp)
To achieve single-supply operation and a fully differential input
to the DSX, an active feedback amplifier (AFA) was utilized.
The AFA is basically an op amp with two gm stages; one of the
active stages is used in the feedback path (therefore the name),
while the other is used as a differential input. Note that the
differential input is an open-loop gm stage which requires that it
be highly linear over the expected input signal range. In this
design, the gm stage that senses the voltages on the attenuator is
a distributed one; for example, there are as many gm stages as
there are taps on the ladder network. Only a few of them are on
at any one time, depending on the gain control voltage.
R
–6.908dB
R
1.5R
1.5R
R
R
–13.82dB
R
1.5R
1.5R
R
–20.72dB
R
1.5R
1.5R
R
–27.63dB
R
1.5R
1.5R
R
–34.54dB
R
1.5R
1.5R
R
–41.45dB
R
1.5R
1.5R
R
–48.36dB
1.5R
1.5R
175
175
+IN
MID
–IN
NOTE: R = 96
1.5R = 144
Figure 2. R-1.5R Dual Ladder Network
One feature of the X-AMP architecture is that the output referred
noise is constant versus gain over most of the gain range. This
can be easily explained by looking at Figure 2 and observing
that the tap resistance is equal for all taps after only a few taps
away from the inputs. The resistance seen looking into each tap is
54.4
Ω which makes 0.95 nV/√Hz of Johnson noise spectral
density. Since there are two attenuators, the overall noise
contribution of the ladder network is
√2 times 0.95 nV/√Hz
or 1.34 nV/
√Hz, a large fraction of the total DSX noise. The rest
of the DSX circuit components contribute another 1.20 nV/
√Hz
which together with the attenuator produces 1.8 nV/
√Hz of
total DSX input referred noise.
AC Coupling
The DSX is a single, single-supply circuit and therefore its
inputs need to be ac-coupled to accommodate ground-based
signals. External capacitors C1 and C2 in Figure 1 level shift
the input signal from ground to the dc value established by
VOCM (nominal 2.5 V). C1 and C2, together with the 175
looking into each of DSX inputs (+IN and –IN), will act as
high-pass filters with corner frequencies depending on the
values chosen for C1 and C2. For example, if C1 and C2 are
0.1
µF, then together with the 175 Ω input resistance of each
side of the differential ladder of the DSX, a –3 dB high-pass
corner at 9.1 kHz is formed.
If the DSX output needs to be ground referenced, then another
ac-coupling capacitor will be required for level shifting. This
capacitor will also eliminate any dc offsets contributed by the
DSX. With a nominal load of 500
Ω and a 0.1 µF coupling
capacitor, this adds a high-pass filter with –3 dB corner fre-
quency at about 3.2 kHz.
The choice for all three of these coupling capacitors depends on
the application. They should allow the signals of interest to pass
unattenuated, while at the same time they can be used to limit
the low frequency noise in the system.
Gain Control Interface
The gain control interface provides an input resistance of
approximately 2 M
Ω at pin VGN1 and gain scaling factors
from 20 dB/V to 40 dB/V for VREF input voltages of 2.5 V to
1.25 V, respectively. The gain varies linearly-in-dB for the cen-
ter 40 dB of gain range, that is for VGN equal to 0.4 V to 2.4 V
for the 20 dB/V scale, and 0.25 V to 1.25 V for the 40 dB/V
scale. Figure 3 shows the ideal gain curves when the FBK to
OUT connection is shorted as described by the following
equations:
G (20 dB/V ) = 20
× VGN – 19, VREF = 2.500 V
(3)
G (30 dB/V ) = 30
× VGN – 19, VREF = 1.6666 V
(4)
G (40 dB/V ) = 40
× VGN – 19, VREF = 1.250 V
(5)


유사한 부품 번호 - AD605BN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD605BN AD-AD605BN Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605BN AD-AD605BN Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
More results

유사한 설명 - AD605BN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605 AD-AD605_15 Datasheet
669Kb / 25P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com