전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21090BFB850Z-TK 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL21090BFB850Z-TK
상세설명  Ultra Low Noise, Precision Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090BFB850Z-TK 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL21090BFB850Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21090BFB850Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21090BFB850Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21090BFB850Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21090BFB850Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21090BFB850Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21090BFB850Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21090BFB850Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21090BFB850Z-TK Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL21090
9
FN6993.3
November 21, 2012
Typical Performance Curves (ISL21090-2.5)
FIGURE 19. IIN vs VIN, THREE UNITS
FIGURE 20. IIN vs VIN, THREE TEMPERATURES
FIGURE 21. LINE REGULATION, THREE UNITS
FIGURE 22. LINE REGULATION, THREE TEMPERATURES
FIGURE 23. LINE TRANSIENT WITH 1nF LOAD (
ΔVIN = ±500mV)
FIGURE 24. LINE TRANSIENT WITH 100nF LOAD (
ΔVIN = ±500mV)
880
900
920
940
960
980
1000
4
9
14
19
24
29
34
39
VIN (V)
UNIT 1
UNIT 2
UNIT 3
600
700
800
900
1000
1100
1200
1300
4
9
14
19
24
29
34
39
VIN (V)
+25°C
-40°C
+125°C
2.499690
2.499790
2.499890
2.499990
2.500090
2.500190
2.500290
2.500390
3
6
9
12
15182124
27
30333639
VIN (V)
UNIT 1
UNIT 2
UNIT 3
2.498800
2.499000
2.499200
2.499400
2.499600
2.499800
2.500000
4
9
14
19
24
29
34
39
2.500200
+25°C
-40°C
+125°C
VIN (V)
-30
-20
-10
0
10
20
30
0
102030405060708090
100
TIME (µs)
CL = 1nF
-30
-20
-10
0
10
20
30
0
1020304050
6070
8090
100
TIME (µs)
CL = 100nF


유사한 부품 번호 - ISL21090BFB850Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21090BFB850Z-TK INTERSIL-ISL21090BFB850Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB850Z-TK INTERSIL-ISL21090BFB850Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB850Z-TK INTERSIL-ISL21090BFB850Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Renesas Technology Corp
ISL21090BFB850Z-TK RENESAS-ISL21090BFB850Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results

유사한 설명 - ISL21090BFB850Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com