전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K10104E 데이터시트(PDF) 5 Page - COSMO Electronics Corporation

부품명 K10104E
상세설명  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10104E 데이터시트(HTML) 5 Page - COSMO Electronics Corporation

  K10104E Datasheet HTML 1Page - COSMO  Electronics Corporation K10104E Datasheet HTML 2Page - COSMO  Electronics Corporation K10104E Datasheet HTML 3Page - COSMO  Electronics Corporation K10104E Datasheet HTML 4Page - COSMO  Electronics Corporation K10104E Datasheet HTML 5Page - COSMO  Electronics Corporation K10104E Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:06/04/2012
NO.61P00054
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010S
SHEET 5 OF 6
REV.
6
Fig.6
Collector Current vs.
Collector-Emitter Voltage
Fig.7
Relative Current Transfer Ratio
vs. Ambient Temperature
0
01
5
10
23
4
6
57
5mA
9
8
20mA
20
15
25
30
Ta=25°
10mA
C
IF=30mA
-55
0
-25
50
25
50
115
75
IF=5mA
VCE=5V
150
100
0
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8
Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9
Collector-Emitter Saturation
Voltage vs. Forward Current
0
-55
0
50
25
75
115
Ic=1m A
0.02
0.04
0.06
0.10
0.08
0.12
0.16
0.14
IF=20m A
5
0
10
C
Ta = 2 5 °
Ic= 7 m A
Ic= 5 m A
Ic= 3 m A
Ic= 1 m A
Ic= 0 .5 m A
0
1
3
2
5
4
6
7
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10
Response Time vs.
Load Resistance
Fig.11
Response Time vs.
Load Resistance
10
1
0. 1
tr
0. 5
0. 2
0. 1
1
2
5
10
20
10 0
50
Ic = 2 m A
V c e= 2V
C
T a = 25°
10
0.1
1
0.1
0.2
1
0.5
5
2
20
10
Ic = 2 m A
V c e= 2V
100
50
C
tf
Ta = 2 5 °
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


유사한 부품 번호 - K10104E

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
K10104ETLD COSMO-K10104ETLD Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K10104ETRU COSMO-K10104ETRU Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results

유사한 설명 - K10104E

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com