전자부품 데이터시트 검색엔진 |
|
AD7394AR 데이터시트(PDF) 10 Page - Analog Devices |
|
AD7394AR 데이터시트(HTML) 10 Page - Analog Devices |
10 / 12 page AD7394/AD7395 –10– REV. 0 POWER SUPPLY The very low power consumption of the AD7394/AD7395 is a direct result of a circuit design optimizing the use of a CBCMOS process. By using the low power characteristics of CMOS for the logic, and the low noise, tight matching of the complemen- tary bipolar transistors, excellent analog accuracy is achieved. One advantage of the rail-to-rail output amplifiers used in the AD7394/AD7395 is the wide range of usable supply voltage. The part is fully specified and tested for operation from +2.7 V to +5.5 V. POWER SUPPLY BYPASSING AND GROUNDING Local supply bypassing consisting of a 10 µF tantalum electro- lytic in parallel with a 0.1 µF ceramic capacitor is recommended in all applications (Figure 21). C * 0.1 F 10 F AD7394 OR AD7395 CS CLK LDA, B RS SDI DGND VOUTB VOUTA *OPTIONAL EXTERNAL REFERENCE BYPASS REF VDD AGND +2.7V TO +5.5V Figure 21. Recommended Supply Bypassing for the AD7394/AD7395 INPUT LOGIC LEVELS All digital inputs are protected with a Zener-type ESD protec- tion structure (Figure 22) that allows logic input voltages to exceed the VDD supply voltage. This feature can be useful if the user is driving one or more of the digital inputs with a 5 V CMOS logic input-voltage level while operating the AD7394/AD7395 on a +3 V power supply. If this mode of interface is used, make sure that the VOL of the 5 V CMOS meets the VIL input re- quirement of the AD7394/AD7395 operating at 3 V. See Figure 12 for a graph of digital logic input threshold versus operating VDD supply voltage. VDD LOGIC IN GND Figure 22. Equivalent Digital Input ESD Protection In order to minimize power dissipation from input logic levels that are near the VIH and VIL logic input voltage specifications, a Schmitt trigger design was used that minimizes the input- buffer current consumption compared to traditional CMOS input stages. Figure 11 is a plot of incremental input voltage versus supply current showing that negligible current consump- tion takes place when logic levels are in their quiescent state. The normal crossover current still occurs during logic transi- tions. A secondary advantage of this Schmitt trigger is the pre- vention of false triggers that would occur with slow moving logic transitions when a standard CMOS logic interface or opto isolators are used. The logic inputs SDI, CLK, CS, LDA, LDB, RS, SHDN all contain the Schmitt trigger circuits. DAC B REGISTER DP R CS CLK SHIFT REGISTER Q DAC A REGISTER DP R LDA LDB RS MSB SDI EN Figure 23. Equivalent Digital Interface Logic DIGITAL INTERFACE The AD7394/AD7395 has a serial data input. A functional block diagram of the digital section is shown in Figure 23, while Table I contains the truth table for the logic control inputs. Three pins control the serial data input register loading. Two additional pins determine which DAC will receive the data loaded into the input shift register. Data at the SDI is clocked into the shift register on the rising edge of the CLK. Data is entered in the MSB-first format. The active low chip select ( CS) pin enables loading of data into the shift register from the SDI pin. Twelve clock pulses are required to load the 12-bit AD7390 DAC shift register. If additional bits are clocked into the shift register, for example, when a microcontroller sends two 8-bit bytes, the MSBs are ignored (Table IV). The lowest resolution AD7395 is also loaded MSB-first with 10 bits of data. Again, if additional bits are clocked into the shift register only the last 10 bits clocked in are used. When CS returns to logic high, shift- register loading is disabled. The load pins LDA and LDB con- trol the flow of data from the shift register to the DAC register. After a new value is clocked into the serial-input register, it will be transferred to the DAC register associated with its LDA or LDB logic control line. Note, if the user wants to load both DAC registers with the current contents of the shift register, both control lines LDA and LDB should be strobed together. The LDA and LDB pins are level-sensitive and should be re- turned to logic high prior to any new data being sent to the input shift register to avoid changing the DAC register values. See Truth Table for complete set of conditions. RESET ( RS) PIN Forcing the asynchronous RS pin low will set the DAC register to all zeros, or midscale, depending on the logic level applied to the MSB pin. When the MSB pin is set to logic high, both DAC registers will be reset to midscale (i.e., the DAC Register’s MSB bit will be set to Logic 1 followed by all zeros). The reset func- tion is useful for setting the DAC outputs to zero at power-up or after a power supply interruption. Test systems and motor controllers are two of many applications that benefit from powering up to a known state. The external reset pulse can be |
유사한 부품 번호 - AD7394AR |
|
유사한 설명 - AD7394AR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |