전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML-1220 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 ML-1220
상세설명  TAB PULLING STRENGTH OVER 14.7N
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ML-1220 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  ML-1220 Datasheet HTML 1Page - Panasonic Semiconductor ML-1220 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


유사한 부품 번호 - ML-1220

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
ML-1210 MOLEX4-ML-1210 Datasheet
110Kb / 2P
   Multi-Lock Connector for 10-12 AWG Wire
More results

유사한 설명 - ML-1220

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
ML-2020 PANASONIC-ML-2020 Datasheet
200Kb / 1P
   TAB PULLING STRENGTH OVER 14.7N
BR-2330A PANASONIC-BR-2330A Datasheet
196Kb / 1P
   TAB PULLING STRENGTH OVER 19.6M TAB MATERIAL : STAINLESS WITH TIN PLATING
logo
List of Unclassifed Man...
BR-2477A ETC2-BR-2477A Datasheet
192Kb / 1P
   TAB PULLING STAENGTH OVER 19.6N
logo
Molex Electronics Ltd.
1300950275 MOLEX-1300950275 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950276 MOLEX-1300950276 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950272 MOLEX-1300950272 Datasheet
273Kb / 1P
   PULLING GRIPS HIGH STRENGTH FLEXIBLE EYE
2022/03/30
1300950274 MOLEX11-1300950274 Datasheet
37Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 1.219m
130095-0275 MOLEX11-130095-0275 Datasheet
44Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 1.524m
1300950275 MOLEX11-1300950275 Datasheet
37Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 1.524m
130095-0274 MOLEX11-130095-0274 Datasheet
36Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 1.219m
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com