전자부품 데이터시트 검색엔진 |
|
AD7467BRT 데이터시트(PDF) 11 Page - Analog Devices |
|
AD7467BRT 데이터시트(HTML) 11 Page - Analog Devices |
11 / 15 page AD7466/AD7467/AD7468 –11– REV. PrC Digital Inputs The digital inputs applied to the AD7466/AD7467/ AD7468 are not limited by the maximum ratings which limit the analog inputs. One advantage of SCLK and CS not being restricted by the VDD + 0.3V limit is the fact that power supply sequencing issues are avoided. If CS or SCLK are applied before VDD then there is no risk of latch-up as there would be on the analog inputs if a signal greater than 0.3V was applied prior to VDD. MODE OF OPERATION The AD7466/AD7467/AD7468 automatically enters powerdown at the end of each conversion. This mode of operation is designed to provide flexible power manage- ment options and to optimize the power dissipation/ throughput rate ratio for differing application require- ments. Figure 14 shows the general diagram of the operaion of the AD7466/AD7467/AD7468. On the falling CS edge the part begins to power up and the Track and Hold, which was in Hold while the part was in power down, will go into track mode. When operating the part with a 2.4 MHz clock it will take 2 clock cycles to fully power up the part and acquire the input signal. On the third SCLK falling edge after the CS falling edge the Track and Hold will return to hold mode. For the AD7466 sixteen serial clock cycles are required to com- plete the conversion and access the complete conversion result.On the 16th SCLK falling edge the part will auto- matically enter power down . The AD7467 will automati- cally enter powerdown on the fourteenth SCLK falling edge. The AD7468 will automatically enter powerdown on the twelveth SCLK falling edge. When supplies are first applied to the AD7466/AD7467/AD7468 a dummy conversion should be performed to ensure that the part is in powerdown mode. The conversion is iniated on the falling edge of CS as described in the Serial Interface section. For the AD7466 if CS is brought high any time before the 16th SCLK falling edge the part will enter power down and the con- version that was initiated by the falling edge of CS will be terminated and SDATA will go back into tri-state. This also applies for the AD7467/AD7468, if CS is brought high before the conversion is complete (the 14th SCLK falling edge for the AD7467, and the 12th SCLK falling edge for the AD7468) the part will enter powerdown and the conversion will be terminated. Once a data transfer is complete (SDATA has returned to tri-state), another conversion can be initiated after the quiet time, tquiet, has elapsed by bringing CS low again. VALIDDATA 16 1 THE PART BEGINS TO POWER UP 3 AD7466 ENTERS POWERDOWN 2 AD7467 ENTERS POWERDOWN AD7468 ENTERS POWERDOWN 14 12 Figure 14. Normal Mode Operation Figure 13. THD vs. Analog Input Frequency for Various Source Impedance TITLE 0 0 0 00 0 000 0 pecifications |
유사한 부품 번호 - AD7467BRT |
|
유사한 설명 - AD7467BRT |