전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7709BRU 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7709BRU
상세설명  16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7709BRU 데이터시트(HTML) 4 Page - Analog Devices

  AD7709BRU Datasheet HTML 1Page - Analog Devices AD7709BRU Datasheet HTML 2Page - Analog Devices AD7709BRU Datasheet HTML 3Page - Analog Devices AD7709BRU Datasheet HTML 4Page - Analog Devices AD7709BRU Datasheet HTML 5Page - Analog Devices AD7709BRU Datasheet HTML 6Page - Analog Devices AD7709BRU Datasheet HTML 7Page - Analog Devices AD7709BRU Datasheet HTML 8Page - Analog Devices AD7709BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD7709
–4–
REV. PrA
January 2001
PRELIMINARY TECHNICAL DATA
PARAMETER
B Grade
Units
Test Conditions
Power Supply Currents
VDD Current (Normal Mode)
T B D
m A
VDD=3V
VDD Current (Normal Mode)
T B D
m A
VDD=5V
VDD Current (Idle Mode)
T B D
m A
VDD=3V
VDD Current (Idle Mode)
T B D
m A
VDD=5V
VDD Current (Power-Down Mode)
20
µA max.
VDD=3V, 32.768kHz Osc. Running
VDD Current (Power-Down Mode)
30
µA max.
VDD=5V, 32.768kHz Osc. Running
NOTES
1 TemperatureRange-40°Cto+85°C
2
3
4


유사한 부품 번호 - AD7709BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7709BRU AD-AD7709BRU Datasheet
428Kb / 32P
   16-Bit - ADC with Switchable Current Sources
REV. A
AD7709BRU AD-AD7709BRU Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709BRU AD-AD7709BRU Datasheet
437Kb / 33P
   16-Bit ADC with Switchable Current Sources
More results

유사한 설명 - AD7709BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
   16-Bit-ADC with Switchable Current Sources
REV. A
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
   16-Bit - ADC with Switchable Current Sources
REV. A
AD7709 AD-AD7709_17 Datasheet
437Kb / 33P
   16-Bit ADC with Switchable Current Sources
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com