전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7740YRT 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7740YRT
상세설명  3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7740YRT 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7740YRT Datasheet HTML 3Page - Analog Devices AD7740YRT Datasheet HTML 4Page - Analog Devices AD7740YRT Datasheet HTML 5Page - Analog Devices AD7740YRT Datasheet HTML 6Page - Analog Devices AD7740YRT Datasheet HTML 7Page - Analog Devices AD7740YRT Datasheet HTML 8Page - Analog Devices AD7740YRT Datasheet HTML 9Page - Analog Devices AD7740YRT Datasheet HTML 10Page - Analog Devices AD7740YRT Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD7740
REV. 0
–9–
A/D Conversion Techniques Using the AD7740
One method of using a VFC in an A/D system is to count the
output pulses of FOUT for a fixed gate interval (see Figure 9).
This fixed gate interval should be generated by dividing down
the clock input frequency. This ensures that any errors due to
clock jitter or clock frequency drift are eliminated. The ratio of
the FOUT frequency to the clock frequency is what is important
here, not the absolute value of FOUT. The frequency divi-
sion can be done by a binary counter where CLKIN is the
counter input.
Figure 10 shows the waveforms of CLKIN, FOUT, and the
Gate signal. A counter counts the rising edges of FOUT while the
Gate signal is high. Since the gate interval is not synchronized with
FOUT, there is a possibility of a counting inaccuracy. Depending
on FOUT, an error of one count may occur.
FREQUENCY
DIVIDER
GATE
SIGNAL
FOUT
VIN
TO
P
AD7740
COUNTER
CLOCK
GENERATOR
CLKIN
Figure 9. A/D Conversion Using the AD7740 VFC
GATE
tGATE
FOUT
CLKIN
Figure 10. Waveforms in an A/D Converter Using a VFC
The clock frequency and the gate time determine the resolution
of such an ADC. If 12-bit resolution is required and CLKIN is
1 MHz (therefore, FOUTMAX is 0.9 MHz), the minimum gate
time required is calculated as follows:
N counts at Full Scale (0.9 MHz) will take
(N/0.9
× 106) seconds = minimum gate time
N is the total number of codes for a given resolution; 4096 for
12 bits.
minimum gate time = (4096/0.9
× 106) seconds = 4.551 ms
Since TGATE
× FOUT
MAX = number of counts at full scale, the
fastest conversion for a given resolution can be performed with
the highest CLKIN frequency.
If the output frequency is measured by counting pulses gated to
a signal derived from the clock, the clock stability is unimportant
and the device simply performs as a voltage-controlled frequency
divider, producing a high-resolution ADC. The inherent mono-
tonicity of the transfer function and wide range of input clock
frequencies allows the conversion time and resolution to be
optimized for specific applications.
Another parameter is taken into account when choosing the
length of the gate interval. Because the integration period of the
VFC is equal to the gate interval, any interfering signal can be
rejected by counting for an integer number of periods of the
interfering signal. For example, a gate interval of 100 ms will
give normal-mode rejection of 50 Hz and 60 Hz signals.
Isolation Applications
The AD7740 can also be used in isolated analog signal trans-
mission applications. Due to noise, safety requirements or distance,
it may be necessary to isolate the AD7740 from any controlling
circuitry. This can easily be achieved by using opto-isolators.
This is extremely useful in overcoming ground loops between
equipment.
The analog voltage to be transmitted is converted to a pulse
train using the VFC. An opto-isolator circuit is used to couple
this pulse train across an isolation barrier using light as the
connecting medium. The input LED of the isolator is driven
from the output of the AD7740. At the receiver side, the output
transistor is operated in the photo-transistor mode. The pulse
train can be reconverted to an analog voltage using a frequency-
to-voltage converter; alternatively, the pulse train can be fed into
a counter to generate a digital signal.
The analog and digital sections of the AD7740 have been designed
to allow operation from a single-ended power source, simplify-
ing its use with isolated power supplies.
Figure 11 shows a general purpose VFC circuit using a low cost
opto-isolator. A 5 V power supply is assumed for both the iso-
lated (VDD) and local (VCC) supplies.
VIN
FOUT
GND1
VCC
GND2
ISOLATION
BARRIER
R
0.1 F
10 F
AD7740
VDD
OPTOCOUPLER
Figure 11. Opto-Isolated Application


유사한 부품 번호 - AD7740YRT

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7740YRT AD-AD7740YRT Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740YRT AD-AD7740YRT Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740YRT AD-AD7740YRT Datasheet
136Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740YRTZ-REEL7 AD-AD7740YRTZ-REEL7 Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740YRTZ-REEL7 AD-AD7740YRTZ-REEL7 Datasheet
327Kb / 13P
   Low Power, Synchronous Voltage-to-Frequency Converter
More results

유사한 설명 - AD7740YRT

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7740YRTZ-REEL7 AD-AD7740YRTZ-REEL7 Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740_15 Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740YRMZ AD-AD7740YRMZ Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRMZ AD-AD7740KRMZ Datasheet
146Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740KRMZ-REEL7 AD-AD7740KRMZ-REEL7 Datasheet
136Kb / 11P
   3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
REV. A
AD7740 AD-AD7740_17 Datasheet
327Kb / 13P
   Low Power, Synchronous Voltage-to-Frequency Converter
logo
Burr-Brown (TI)
ADS1206 BURR-BROWN-ADS1206 Datasheet
158Kb / 8P
   LOW-POWER, SYNCHRONOUS VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com