전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA00CC0WHFPE2 데이터시트(PDF) 10 Page - Rohm

부품명 BA00CC0WHFPE2
상세설명  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WHFPE2 데이터시트(HTML) 10 Page - Rohm

Back Button BA00CC0WHFPE2 Datasheet HTML 6Page - Rohm BA00CC0WHFPE2 Datasheet HTML 7Page - Rohm BA00CC0WHFPE2 Datasheet HTML 8Page - Rohm BA00CC0WHFPE2 Datasheet HTML 9Page - Rohm BA00CC0WHFPE2 Datasheet HTML 10Page - Rohm BA00CC0WHFPE2 Datasheet HTML 11Page - Rohm BA00CC0WHFPE2 Datasheet HTML 12Page - Rohm BA00CC0WHFPE2 Datasheet HTML 13Page - Rohm BA00CC0WHFPE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●Operating of the application deficiency
1) When 1 LED or 1string OPEN during the operating
Since FB terminal is set to 0V when set to OPEN, Output boosts up to the over voltage protection voltage. When over
voltage is detected, the boosting operation stops and then output voltage goes down slowly. Later, if output voltage
becomes less than hysteresis of over current protection, output voltage keeps boosting up to over voltage protection
voltage again.
Figure 3. LED open detect
2) When LED short-circuited in the plural
Even if one LED short-circuits during boost operation, it usually passes along LED and it is turned on. By making LED
shorted, FB terminal voltage increases by LED VF. Therefore output voltage becomes lower by LED VF, and the
condition turns to be normal.
Figure 4. One LED shorted
Figure 5. FB terminal – VOUT terminal shorted
FB
FB
output
Vout
FB voltage
LED
connection
normal
Open
LED current
20mA
0mA
Hysteresis voltage
0.7V+VF of LED
FB
VOUT
LED current
20mA
0.7V
LED short
VF of LED
VF of LED
FB
VOUT
FB
VOUT
LED current
20mA
0.7V
LED short
VIN
5.9V
0.1mA
100µs


유사한 부품 번호 - BA00CC0WHFPE2

제조업체부품명데이터시트상세설명
logo
Rohm
BA00CC0WHFP-E2 ROHM-BA00CC0WHFP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-V5 ROHM-BA00CC0WHFP-V5 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
More results

유사한 설명 - BA00CC0WHFPE2

제조업체부품명데이터시트상세설명
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com