전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KAQY414 데이터시트(PDF) 2 Page - COSMO Electronics Corporation

부품명 KAQY414
상세설명  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY414 데이터시트(HTML) 2 Page - COSMO Electronics Corporation

  KAQY414_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT SPECIFICATION
DATE:04/29/2011
NO.60M01002
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY414
SHEET 2 OF 7
REV.
2
Electro-optical Characteristics
Ta=25℃)
Parameter
Symbol
Conditions
Min. Typ. Max. Unit.
Emitter(Input)
Forward Voltage
VF
IF=10mA
1.2
1.5
V
Operation Input Current
IFOFF
VL=±20V,IL≦5μA
5.0
mA
Recovery Input Current
IFON
VL=±20V,IL=100mA,t=10ms
0.2
mA
Detector(Output)
Output Breakdown Voltage
VB
IB=50μA,IF=10mA
400
V
Output Off-State Leakage
ITOFF
VT=100V,IF=10mA
0.2
2
μ
A
I/O Capacitance
CISO
IF=0,f=1MHz
6
pF
ON Resistance
RON
IL=100mA,IF=0mA
25
50
Ω
Reverse ( ON ) Time
TON
0.6
1.5
ms
Operate ( OFF ) Time
TOFF
IF=10mA,VL=±20V
t=10ms,IL=±100mA
0.3
1.0
ms
Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
2
1
3
4
1b
AC/DC
-
(AC,DC)
2
IN
V
F
I
1
I L
V L
3
Load
4
V
2
IN
I F
1
3
4
I L
Load
(AC,DC)
V L


유사한 부품 번호 - KAQY414_11

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

유사한 설명 - KAQY414_11

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com