전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7870KN 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7870KN
상세설명  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7870KN 데이터시트(HTML) 5 Page - Analog Devices

  AD7870KN Datasheet HTML 1Page - Analog Devices AD7870KN Datasheet HTML 2Page - Analog Devices AD7870KN Datasheet HTML 3Page - Analog Devices AD7870KN Datasheet HTML 4Page - Analog Devices AD7870KN Datasheet HTML 5Page - Analog Devices AD7870KN Datasheet HTML 6Page - Analog Devices AD7870KN Datasheet HTML 7Page - Analog Devices AD7870KN Datasheet HTML 8Page - Analog Devices AD7870KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. B
2
AD7870/AD7875/AD7876
–5–
AD7870 ORDERING GUIDE
Integral
Temperature
VIN Voltage
SNR
Nonlinearity
Package
Model
1, 2
Range
Range (V)
(dBs)
(LSB)
Option
3
AD7870JN
0
°C to +70°C
±3
70 min
±1/2 typ
N-24
AD7870KN
0
°C to +70°C
±3
70 min
±1 max
N-24
AD7870LN
0
°C to +70°C
±3
72 min
±1/2 max
N-24
AD7870JP
0
°C to +70°C
±3
70 min
±1/2 typ
P-28A
AD7870KP
0
°C to +70°C
±3
70 min
±1 max
P-28A
AD7870LP
0
°C to +70°C
±3
72 min
±1/2 max
P-28A
AD7870AQ
–25
°C to +85°C
±3
70 min
±1/2 typ
Q-24
AD7870BQ
–25
°C to +85°C
±3
70 min
±1 max
Q-24
AD7870CQ
–25
°C to +85°C
±3
72 min
±1/2 max
Q-24
AD7870SQ4
–55
°C to +125°C
±3
70 min
±1/2 typ
Q-24
AD7870TQ
4
–55
°C to +125°C
±3
70 min
±1 max
Q-24
NOTES
1To order MIL-STD-883, Class B, processed parts, add /883B to part number. Contact local sales office for military data sheet.
2Contact local sales office for LCCC (Leadless Ceramic Chip Carrier) availability.
3N = Narrow Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip.
4Available to /883B processing only.
AD7875 ORDERING GUIDE
Integral
Temperature
VIN Voltage
SNR
Nonlinearity
Package
Model1, 2
Range
Range (V)
(dBs)
(LSB)
Option3
AD7875KN
0
°C to +70°C
0 to +5
70 min
±1 max
N-24
AD7875LN
0
°C to +70°C
0 to +5
72 min
±1/2 max
N-24
AD7875KP
0
°C to +70°C
0 to +5
70 min
±1 max
P-28A
AD7875LP
0
°C to +70°C
0 to +5
72 min
±1/2 max
P-28A
AD7875BQ
–40
°C to +85°C
0 to +5
70 min
±1 max
Q-24
AD7875CQ
–40
°C to +85°C
0 to +5
72 min
±1/2 max
Q-24
AD7875TQ4
–55
°C to +125°C
0 to +5
70 min
±1 max
Q-24
NOTES
1To order MIL-STD-883, Class B. processed parts, add /883B to part number. Contact local sales office for military data sheet.
2Contact local sales office for LCCC (Leadless Ceramic Chip Carrier) availability.
3N = Narrow Plastic DlP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip.
4Available to /883B processing only.
AD7876 ORDERING GUIDE
Integral
Temperature
VIN Voltage
Nonlinearity
Package
Model
1
Range
Range (V)
(LSB)
Option
2
AD7876BN
–40
°C to +85°C
±10
±1 max
N-24
AD7876CN
–40
°C to +85°C
±10
±1/2 max
N-24
AD7876BR
–40
°C to +85°C
±10
±1 max
R-24
AD7876CR
–40
°C to +85°C
±10
±1/2 max
R-24
AD7876BQ
–40
°C to +85°C
±10
±1 max
Q-24
AD7876CQ
–40
°C to +85°C
±10
±1/2 max
Q-24
AD7876TQ3
–55
°C to +125°C
±10
±1 max
Q-24
NOTES
1To order MIL-STD-883, Class B, processed parts, add /883B to the part number. Contact local sales office for military data sheet.
2N = Narrow Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).
3Available to /883B processing only.


유사한 부품 번호 - AD7870KN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7870KN AD-AD7870KN Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870KNZ1 AD-AD7870KNZ1 Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
More results

유사한 설명 - AD7870KN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com