전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ22A 데이터시트(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

부품명 SMAJ22A
상세설명  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MERITEK [MERITEK ELECTRONICS CORPORATION]
홈페이지  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SMAJ22A 데이터시트(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SMAJ22A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SMAJ22A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SMAJ22A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SMAJ22A Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Peak Pulse Power Dissipation on 10/1000 s waveform
. (Note 1, Note 2, Fig. 1)
PPPM
Minimum
400
Watts
Peak Pulse Current on 10/1000 s waveform. (Note 1,Fig. 3)
IPPM
See Table
Amps
Steady State Power Dissipation at TL =75
Lead length .375” (9.5mm)
.
(
Note 2, Fig. 5)
PM(AV)
3.3
Watts
Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed
on Rated Load
. (JEDEC Method) (Note 3, Fig. 6)
IFSM
40
Amps
Operating junction and Storage Temperature Range
.
TJ ,TSTG
-
65 to +150
FEATURES
MECHANICAL DATA
DEVICES FOR BIPOLAR APPLICATION
For surface mounted applications in order to optimize board space.
Low profile package.
Built-in strain relief.
Glass passivated junction.
Low inductance.
Excellent clamping capability.
Repetition Rate (duty cycle): 0.01%.
Fast response time: typically less than 1.0ps from 0
volt to VBR for nidirectional types.
Typical IR less than 1μA above 10V.
High Temperature soldering: 260°C/10 seconds at terminals.
Plastic package has Underwriters Laboratory Flammability 94V-O.
SMA/DO-214AC
Case: JEDEC DO
-214AC. Molded plastic over glass passivated junction.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026.
Polarity: Color band
cathode xcept Bidirectional.
Standard Packaging: 12mm tape (EIA STD RS- 481).
Weight: 0.002 ounce, 0.061 grams.
For
idirectional use C or CA suffix for type SMAJ5.0 thr
ough type SMAJ440 (e.g. SMAJ5.0CA, SMAJ440CA);
Electrical characteristics apply in both directions.
Ratings at 25
ambient temperature unless otherwise specified.
Transient
SMAJ Series
MERITEK
RATING
SYMBOL
VALUE
UNIT
Notes: 1. Non-repetitive current pulse, per Fig.
3 and derated above TA = 25 per Fig. 2.
2. Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4pulses per minute maximum.
MAXIMUM RATINGS AND CHARACTERISTICS
All specifications are subject to change without notice.
1
Rev 7


유사한 부품 번호 - SMAJ22A

제조업체부품명데이터시트상세설명
logo
Littelfuse
SMAJ22A LITTELFUSE-SMAJ22A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ22A HDSEMI-SMAJ22A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
SAMYANG ELECTRONICS CO....
SMAJ22A SAMYANG-SMAJ22A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMAJ22A JGD-SMAJ22A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ22A CYSTEKEC-SMAJ22A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

유사한 설명 - SMAJ22A

제조업체부품명데이터시트상세설명
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com