전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CNX3000 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 CNX3000
상세설명  Fluke CNX3000 Series Test Tools
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

CNX3000 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  CNX3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers CNX3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
No more writing data down. Capture up to 65000
sets of min/max/avg readings over single or multiple
logging sessions using the recording capability.
Each reading and session is time stamped
Avoid awkward or uncomfortable measurement
positions. Set up the measurement once, step
back and read it as many times as you want, when
you want
Identify up to 10 placed modules with meter or PC
and choose only the ones you need
View up to 10 live readings at once on a PC to get a
complete understanding of the situation
Easily see backlit displays in dark or dimly lit work
environments
Choose auto or manual ranging
Use the optional TPak magnetic hanger for even
more hands-free working
Integrated holster protects the meters, while probe
holders keep accessories organized
Safety
Increase safety by taking readings in a separate
location than the point of measurement
Fluke CNX meets Measurement Category 1000 V
CAT III and Category IV 600 V safety standards: AC
current clamp 600 V CAT III; AC Voltage Module and
iFlex Clamp Meters 600 V CAT IV / 1000 CAT III
Fluke CNX 3000
Series Test Tools
The Fluke Wireless Team
The new Fluke wireless troubleshooting
team lets you see live measurements
from multiple modules simultaneously
and remotely on a single screen. This
customizable tool set, built with the
durability, reliability and quality you’ve come
to expect from Fluke tools, will change the
way you work.
Wireless multimeter displays readings
from up to three wireless modules, plus
the meter from up to 20 meters away. Add
a laptop and review ten measurements at
once.
Fluke CNX 3000 Series
Digital Multimeter
AC Voltage Module
AC True-rms Current Clamp Module
iFlex True-rms AC Current Clamp Module
K-Type Temperature Module
PC Adapter
Productivity
Save money and time by taking multiple measure-
ments simultaneously
Isolate intermittent events or record signal fluc-
tuations without even being there using the log
function on the modules
Work with fewer interruptions by recording multiple
sessions before downloading. Data is saved to a PC
in .csv format (comma separated variable) file format
for easy viewing at your convenience
Capture readings at different intervals, with user-set
recording intervals from one second to one hour
Choose the module(s) that work best for your
applications
Convenience
No more run-around. See up to four measurements
(DMM and 3 modules) on one screen, in one place
at the same time.
Technical Data


유사한 부품 번호 - CNX3000

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
   CNX 310 XXX CABLE ASSEMBLY
logo
Fairchild Semiconductor
CNX35 FAIRCHILD-CNX35 Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNX35 ETC-CNX35 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
logo
Fairchild Semiconductor
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX36 FAIRCHILD-CNX36 Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

유사한 설명 - CNX3000

제조업체부품명데이터시트상세설명
logo
Fluke Corporation
TL940 FLUKE-TL940 Datasheet
114Kb / 3P
   Fluke TL940 Mini-Hook Test Leads
11/2021
logo
Pomona Electronics
6171 POMONA-6171 Datasheet
38Kb / 3P
   Test Companion Test Kit For Fluke 20 & 70 Series DMM?셲
logo
Fluke Corporation
TLK-220 FLUKE-TLK-220 Datasheet
305Kb / 1P
   Fluke TLK-220 SureGripTM Industrial Test Lead Kit
logo
List of Unclassifed Man...
TP912 ETC1-TP912 Datasheet
12Mb / 72P
   Test Tools Catalog Volume one, 2007
logo
Fluke Corporation
975 FLUKE-975 Datasheet
564Kb / 2P
   Fluke 975 AirMeter??Five powerful tools in one, with simple one-touch air velocity
FLUKE-805 FLUKE-FLUKE-805 Datasheet
2Mb / 4P
   Fluke 805 Vibration Meter
4/2012
414D FLUKE-414D Datasheet
1Mb / 3P
   Fluke 417D Laser Distance Measurer
1750 FLUKE-1750 Datasheet
2Mb / 8P
   Fluke 1750 Three-Phase Power Recorder
561 FLUKE-561 Datasheet
258Kb / 2P
   Fluke 561 Infrared and Contact Thermometer
773 FLUKE-773 Datasheet
1Mb / 2P
   Fluke 772 and 773 Milliamp Process Clamp Meters
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com