전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8023AR-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8023AR-REEL7
상세설명  High Current Output, Triple Video Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8023AR-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8023AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8023AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8023AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8023AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8023AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8023AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8023AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8023AR-REEL7 Datasheet HTML 10Page - Analog Devices AD8023AR-REEL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
–7–
REV. A
AD8023
FREQUENCY – Hz
100k
10
1k
1G
10k
10M
10k
100
1k
100k
1M
100M
Figure 18. Open-Loop Transimpedance vs. Frequency
OUTPUT VOLTAGE STEP – V p-p
1600
0
1400
800
600
400
200
1200
1000
0
6
1
2
34
5
G = +10
G = +1
G = +2
G = –1
Figure 19. Slew Rate vs. Output Step Size
Figure 20. Large Signal Pulse Response,
Gain = +1, (RF = 2 k
Ω, RL = 150 Ω, VS = ±7.5 V)
Figure 21. Small Signal Pulse Response, Gain = +1,
(RF = 2 k
Ω, RL = 150 Ω, VS = ±7.5 V)
SUPPLY VOLTAGE – V
1600
0
1400
800
600
400
200
1200
1000
28
34
5
6
7
G = –1
G = +2
G = +1
G = +10
Figure 22. Maximum Slew Rate vs. Supply Voltage
Figure 23. Large Signal Pulse Response,
Gain = +10, (RF = 274
Ω, RL = 150 Ω, VS = ±7.5 V)
V
IN
V
O
V
IN
V
O
V
IN
V
O


유사한 부품 번호 - AD8023AR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
More results

유사한 설명 - AD8023AR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com