전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8042 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8042
상세설명  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8042 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8042 Datasheet HTML 3Page - Analog Devices AD8042 Datasheet HTML 4Page - Analog Devices AD8042 Datasheet HTML 5Page - Analog Devices AD8042 Datasheet HTML 6Page - Analog Devices AD8042 Datasheet HTML 7Page - Analog Devices AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. C
AD8042
–7–
10
100
1k
10k
100k
1M
10M
100M
1G
300
100
30
10
3
1
FREQUENCY (Hz)
TPC 7. Input Voltage Noise vs. Frequency
FUNDAMENTAL FREQUENCY (MHz)
–30
–40
–100
110
3
–50
–70
–80
–60
24
5
6
7 8 9
–90
VS = 5V, AV = 1,
RL = 1k TO 2.5V
VS = 5V, AV = 2,
RL = 1k TO 2.5V
VS = 5V, AV = 1,
RL = 100 TO 2.5V
VS = 5V, AV = 2,
RL = 100 TO 2.5V
VS = 3V, AV = –1,
RL = 100 TO 1.5V
TPC 8. Total Harmonic Distortion
OUTPUT VOLTAGE (V p-p)
–30
–40
–100
0.0
5.0
1.5
–50
–70
–80
–60
1.0
3.0
3.5
4.0
4.5
–90
–110
0.5
2.0
2.5
10MHz
5MHz
1MHz
VS = 5V, G = +2,
RL = 1k TO 2.5V
TPC 9. Worst Harmonic vs. Output Voltage
MODULATING RAMP LEVEL (IRE)
0.04
0.03
0
100
30
0.02
0.00
0.01
20
60
70
80
90
10
40
50
–0.01
0.01
0.03
0.02
0
0.04
–0.01
0.05
NTSC Subcarrier (3.579 MHz)
RL = 150
VS = 5V
G = +2
RL = 150
TO 2.5V
VS = 5V
G = +2
RL = 150
VS = 5V
G = +2
RL = 150
TO 2.5V
VS = 5V
G = +2
TPC 10. Differential Gain and Phase Errors
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
110
100
500
FREQUENCY (MHz)
14MHz
VS = 5V
G = +2
RF = 200
RL = 150
TO 2.5V
TPC 11. 0.1 dB Gain Flatness
120
100
80
60
40
20
0
–20
–40
–60
–80
0.01
0.1
100
500
FREQUENCY (MHz)
110
45
0
–45
–90
–135
–180
–225
–270
GAIN
PHASE
VS = 5V
G = +2
RF = 200
RL = 150
TO 2.5V
TPC 12. Open-Loop Gain and Phase
vs. Frequency


유사한 부품 번호 - AD8042

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8042 AD-AD8042 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042ACHIPS AD-AD8042ACHIPS Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AN AD-AD8042AN Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042AR AD-AD8042AR Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results

유사한 설명 - AD8042

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com