전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB09N04H8 데이터시트(PDF) 6 Page - Cystech Electonics Corp.

부품명 MTB09N04H8
상세설명  MTB09N04H8 CYStek Product Specification
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09N04H8 데이터시트(HTML) 6 Page - Cystech Electonics Corp.

Back Button MTB09N04H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB09N04H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB09N04H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB09N04H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB09N04H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB09N04H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB09N04H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB09N04H8 Datasheet HTML 9Page - Cystech Electonics Corp. MTB09N04H8 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C892H8
Issued Date : 2013.02.01
Revised Date :
Page No. : 6/10
MTB09N04H8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-60
-20
20
60
100
140
Tj, Junction Temperature(°C)
ID=250μA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
ID, Drain Current(A)
Ta=25°C
Pulsed
VDS=5V
Gate Charge Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
Qg, Total Gate Charge(nC)
ID=30A
VDS=20V
Maximum Safe Operating Area
0.001
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
VDS, Drain-Source Voltage(V)
TA=25°C, Tj=150°C
VGS=10V, RθJA=125°C/W
Single Pulse
DC
100ms
RDSON
Limited
1s
100μs
1ms
10ms
Maximum Drain Current vs CaseTemperature
0
10
20
30
40
50
60
70
25
50
75
100
125
150
175
TC, CaseTemperature(°C)
VGS=10V, RθJC=2.5°C/W


유사한 부품 번호 - MTB09N04H8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB09N03H8 CYSTEKEC-MTB09N03H8 Datasheet
264Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB09N03V8 CYSTEKEC-MTB09N03V8 Datasheet
334Kb / 9P
   MTB09N03V8 CYStek Product Specification
MTB09N06E3 CYSTEKEC-MTB09N06E3 Datasheet
404Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06E3-0-UB-X CYSTEKEC-MTB09N06E3-0-UB-X Datasheet
404Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB09N06F3 CYSTEKEC-MTB09N06F3 Datasheet
396Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB09N04H8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com