전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX2HSM 데이터시트(PDF) 1 Page - EUROQUARTZ limited

부품명 CX2HSM
상세설명  Frequency Range 16kHz to 600kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUROQUARTZ [EUROQUARTZ limited]
홈페이지  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX2HSM 데이터시트(HTML) 1 Page - EUROQUARTZ limited

  CX2HSM Datasheet HTML 1Page - EUROQUARTZ limited CX2HSM Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
CX2HSM crystals consist of a high quality tuning fork resonator in a
rugged, hermetically sealed ceramic package. CX2HSM crystals are
intended for use in Series (two cascaded inverters) oscillator circuits.
OUTLINE & DIMENSIONS
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
Frequency Range:
16.0kHz to 600.0kHz
Standard Calibration Tolerance*:
see table
Motional Resistance (R1):
Figure 1
Max = 16~169.9kHz, 2x typical
170~600kHz, 2.5x typical
Motional Capacitance (C1):
Figure 2
Quality Factor (Q):
Figure 3
Min. is 0.25x typical
Shunt Capacitance (C0):
2.0pF max.
Drive Level
16~24.9kHz:
1.5µW max.
25~600.0kHz:
3.0µW max.
Turning Point (T0)**:
Figure 4
Temperature Coefficient (k):
-0.035ppm/°C2
Ageing, first year:
5ppm max.
Shock, survival***:
1,500g, 0.3ms, ½ sine
Vibration, survival***:
10g rms, 20~2000Hz
Operating Temperature Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Military:
-55 to +125°C
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
+260°C for 20 seconds
SPECIFICATION
±30ppm
±50ppm
±100ppm
±200ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
±100ppm
±100ppm
±200ppm
±500ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
±1000ppm
±1000ppm
±2000ppm
±5000ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
16~74.9
75~169.9
170~249.9
STANDARD CALIBRATION TOLERANCE
FEATURES
Frequency Range 16kHz to 600kHz
High shock resistance
Low ageing
Designed for low power applications
Full MIL testing available
PACKAGING OPTIONS
CX2HSM crystals are available either tray packed (<250pcs) or tape
and reel (>250 pieces).
16mm tape, 178mm or 330mm reels (EIA 418).
CX2HSM CRYSTAL
*
Tighter frequency calibration is available.
**
Other turning point is available
*** Higher shock and vibration survival is available
HOW TO ORDER CX2HSM CRYSTALS
CX2H - S
-
C
-
SM1
-
32.768K
30
/
I
'S' if special,
custom design.
Otherwise leave
blank
Blank = glass lid
C = ceramic lid
Terminations
SM1 = Gold plated *
SM2 = Solder plated
SM3 = Solder dipped
SM4 = Solder plated *
SM5 = Solder dipped *
* = Lead free
Frequency
K = kHz
Calibration
Tolerance
@25°C
(in ppm)
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Miniature SMD Crystal for Series Oscillators
16kHz to 600kHz
250~600
Frequency Range (kHz)
A
6.60
6.99
B
2.39
2.74
C
see below
D
0.89
1.14
E
1.50
1.75
F
1.27
1.52
G
2.67
2.92
H
3.94
4.19
I
5.33
5.59
Typ.
Max.
Dim.
SM1
1.65
1.91
SM2
1.70
1.96
SM3
1.78
2.03
SM4
1.70
1.96
SM5
1.78
2.03
Glass
Lid
Ceramic
Lid
Dim. C


유사한 부품 번호 - CX2HSM

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX2HSM STATEK-CX2HSM Datasheet
469Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
RSG Electronic Componen...
CX2HSM RSG-CX2HSM Datasheet
512Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
STATEK CORPORATION
CX2HSM STATEK-CX2HSM Datasheet
132Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
RSG Electronic Componen...
CX2HSM1 RSG-CX2HSM1 Datasheet
512Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HSM2 RSG-CX2HSM2 Datasheet
512Kb / 2P
   Miniature Surface Mount Quartz Crystal for Series Oscillators
More results

유사한 설명 - CX2HSM

제조업체부품명데이터시트상세설명
logo
EUROQUARTZ limited
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
   Frequency Range 16kHz to 600kHz
CX1HSM EUROQUARTZ-CX1HSM Datasheet
306Kb / 2P
   Frequency Range 10kHz to 600kHz
CX3HSM EUROQUARTZ-CX3HSM Datasheet
298Kb / 2P
   Frequency Range 18kHz to 600kHz
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX1H EUROQUARTZ-CX1H Datasheet
290Kb / 2P
   Frequency Range 10kHz to 600kHz
CX3VSM EUROQUARTZ-CX3VSM Datasheet
301Kb / 2P
   Frequency Range 18kHz to 600kHz
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
   Frequency Range 10kHz to 600kHz
CX6VSM EUROQUARTZ-CX6VSM Datasheet
295Kb / 2P
   Frequency Range 18kHz to 600kHz
logo
Maxim Integrated Produc...
MAX15026BEVKIT MAXIM-MAX15026BEVKIT Datasheet
236Kb / 10P
   600kHz Switching Frequency
Rev 0; 6/08
MAX17501G MAXIM-MAX17501G Datasheet
1Mb / 8P
   600kHz Switching Frequency
Rev 0; 11/12
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com