전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2225XR223C251 데이터시트(PDF) 10 Page - MERITEK ELECTRONICS CORPORATION

부품명 ST2225XR223C251
상세설명  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MERITEK [MERITEK ELECTRONICS CORPORATION]
홈페이지  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST2225XR223C251 데이터시트(HTML) 10 Page - MERITEK ELECTRONICS CORPORATION

Back Button ST2225XR223C251 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST2225XR223C251 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST2225XR223C251 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST2225XR223C251 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST2225XR223C251 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST2225XR223C251 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST2225XR223C251 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST2225XR223C251 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION ST2225XR223C251 Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
No.
Item
Test Condition
Requirements
11.
Humidity
(Damp Heat)
Load
* Test temp.: 40±2°C
* Humidity: 90~95%RH
* Test time: 500+24/-0 hrs.
* To apply voltage:rated voltage (Max. 500V)
* Measurement to be made after keeping at room
temp. for 24±2 hrs. (Class I).
* No remarkable damage.
* Cap change: NP0: within ±7.5% or ±0.75pF whichever is larger.
* Q/D.F. value:
NP0: Cap≥30pF, Q≥200; Cap<30pF, Q≥100+10/3C
* I.R.: ≥500M or RxC≥25 -F whichever is smaller.
12. Vibration
Resistance
* Vibration frequency: 10~55 Hz/min.
* Total amplitude: 1.5mm
* Test time: 6 hrs. (Two hrs each in three mutually
perpendicular directions.)
* No remarkable damage.
* Cap change and Q/D.F.: To meet initial spec.
13. High
Temperature
Load
(Endurance)
* Test temp.:
125±3°C
* To apply voltage:
(1) UR250V:
200% of rated voltage.
Exception item: To apply 150% of rated voltage
UR
Size
Cap. Range
100V
1206
1210
> 224
1210
> 224
1812
> 474
1825
> 105
2220
> 105
200V / 250V
2225
> 105
(2) 250 < UR ≤500V:
150% of rated voltage.
(3) UR > 500V:
120% of rated voltage.
* Test time: 1000+24/-0 hrs.
* Measurement to be made after keeping at room
temp. for 24±2 hrs. (Class I) or 48±4 hrs (Class II)
* No remarkable damage.
* Cap change:
NP0: within ±3.0% or ±0.3pF whichever is larger.
X7R :within ±15%
* Q/D.F Value:
NP0: Cap≥30pF, Q≥350
10pF≤Cap<30pF, Q≥275+2.5C
Cap<10pF, Q≥200+10C
X7R:
≤7.0%
* I.R.: ≥1G or RxC≥50 -F whichever is smaller.
14. Resistance
to Flexure of
Substrate
* The middle part of substrate shall be pressurized by
means of the pressurizing rod at a rate of about 1mm
per second until the deflection becomes
5mm.
* No remarkable damage.
* Cap change:
X7R:
within ±10%
(This capacitance change means the change of capacitance under
specified flexure of substrate from the capacitance measured before the
test.)
15. Adhesive
Strength of
Termination
* Capacitors mounted on a substrate. A force of 10N
applied perpendicular to the place of substrate and
parallel the line joining the center of terminations for
10±1 second.
* No remarkable damage or removal of the terminations.
R = 230
20
50
45±1
45±1
5mm
Capacitor
PC Board
10N
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
Rev.7


유사한 부품 번호 - ST2225XR223C251

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST2225A ETC-ST2225A Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
   LED Display Driver
logo
List of Unclassifed Man...
ST2225A-D ETC-ST2225A-D Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
ST2225A-SS3 ETC-ST2225A-SS3 Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
More results

유사한 설명 - ST2225XR223C251

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com