전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LZ9-K0W900 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 LZ9-K0W900
상세설명  High Luminous Efficacy Warm White LED Emitter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

LZ9-K0W900 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LZ9-K0W900 Datasheet HTML 2Page - List of Unclassifed Manufacturers LZ9-K0W900 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZ9-K0W900 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZ9-K0W900 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZ9-K0W900 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZ9-K0W900 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZ9-K0W900 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZ9-K0W900 Datasheet HTML 9Page - List of Unclassifed Manufacturers LZ9-K0W900 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
LZ9-00WW00, LZ9-00W900 (1.2-02/07/13)
LED Engin | 651 River Oaks Parkway | San Jose, CA 95134 USA | ph +1 408 922 7200 | fax +1 408 922 0158 | em sales@ledengin.com | www.ledengin.com
Luminous Flux Bins, 2700K CRI 80 Minimum
Table 1:
Bin Code
Minimum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
Maximum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
X
1085
1357
Y
1357
1696
Luminous Flux Bins, 3000K-3500K CRI 80 Minimum
Table 2:
Bin Code
Minimum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
Maximum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
X
1085
1357
Y
1357
1696
Luminous Flux Bins, 2700K CRI 90 Minimum
Table 3:
Bin Code
Minimum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
Maximum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
V
695
868
W
868
1085
Luminous Flux Bins, 3000K-3500K CRI 90 Minimum
Table 4:
Bin Code
Minimum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
Maximum
Radiant Flux (Φv)
@ IF = 700mA
[1,2]
(lm)
W
868
1085
X
1085
1357
Notes for Table 1, 2, 3 and 4:
1.
Luminous flux performance guaranteed within published operating conditions. LED Engin maintains a tolerance of ± 10% on flux measurements.


유사한 부품 번호 - LZ9-K0W900

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LZ9-K0CW00 ETC-LZ9-K0CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZ9-K0NW00 ETC-LZ9-K0NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
More results

유사한 설명 - LZ9-K0W900

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
   High Luminous Efficacy Cool White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
   WARM WHITE LED
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
   WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com