전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN54013 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN54013
상세설명  FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54013 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN54013_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN54013_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN54013_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN54013_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN54013_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN54013_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN54013_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN54013_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN54013_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.4
2
Ordering Information
Part Number
Temperature Range
Package
PN Bits: IC_INFO[4:2]
Packing Method
FAN54010UCX
(1)
-40 to 85°C
20-Bump, Wafer-Level
Chip-Scale Package
(WLCSP),
0.4 mm Pitch,
Estimated Size:
1.96 x 1.87 mm
011
Tape and Reel
FAN54011UCX
(1)
-40 to 85°C
001
Tape and Reel
FAN54012UCX
(1)
-40 to 85°C
011
Tape and Reel
FAN54013UCX
-40 to 85°C
101
Tape and Reel
FAN54014UCX
(1)
-40 to 85°C
111
Tape and Reel
Note:
1.
Preliminary release only; please contact a Fairchild representative for information about part availability.
Table 1. Feature Comparison Summary
Part Number
PN Bits:
REG3[4:2]
Slave
Address
Automatic
Charge
Special
Charger
(2)
Safety
Limits
Battery
Absent
Behavior
E2 Pin
VREG
(E3 Pin)
FAN54010UCX
011
1101011
Yes
No
No
OFF
AUXPWR
(Connect
to VBAT)
PMID
FAN54011UCX
001
1101011
No
No
No
OFF
FAN54012UCX
011
1101011
Yes
No
No
ON
FAN54013UCX
101
1101011
Yes
Yes
Yes
OFF
DISABLE
1.8V
FAN54014UCX
111
1101011
No
Yes
Yes
OFF
Note:
2.
A “special charger” is a current-limited charger that is not a USB compliant source.
Table 2. Recommended External Components
Component
Description
Vendor
Parameter
Typ.
Unit
L1
1 µH ±20%, 1.6 A
DCR=55 mΩ, 2520
Murata: LQM2HPN1R0
L
1.0
H
1 µH ±30%, 1.4A
DCR=85 mΩ, 2016
Murata: LQM2MPN1R0
CBAT
10 µF, 20%, 6.3 V, X5R, 0603
Murata: GRM188R60J106M
TDK: C1608X5R0J106M
C
10
F
CMID
4.7 µF, 10%, 6.3 V, X5R, 0603
Murata: GRM188R60J475K
TDK: C1608X5R0J475K
C
(3)
4.7
F
CBUS
1.0 µF, 10%, 25 V, X5R, 0603
Murata GRM188R61E105K
TDK:C1608X5R1E105M
C
1.0
F
Note:
3.
A 6.3 V rating is sufficient for CMID since PMID is protected from over-voltage surges on VBUS by Q3 (Figure 3).


유사한 부품 번호 - FAN54013_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN54013UCX FAIRCHILD-FAN54013UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com