전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2194 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FPF2194
상세설명  Full-Function Load Switch with Adjustable Current Limit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2194 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FPF2194 Datasheet HTML 6Page - Fairchild Semiconductor FPF2194 Datasheet HTML 7Page - Fairchild Semiconductor FPF2194 Datasheet HTML 8Page - Fairchild Semiconductor FPF2194 Datasheet HTML 9Page - Fairchild Semiconductor FPF2194 Datasheet HTML 10Page - Fairchild Semiconductor FPF2194 Datasheet HTML 11Page - Fairchild Semiconductor FPF2194 Datasheet HTML 12Page - Fairchild Semiconductor FPF2194 Datasheet HTML 13Page - Fairchild Semiconductor FPF2194 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2193/4/5 • Rev. 1.0.5
11
Application Information
Figure 28.
Typical Application
Setting Current Limit
The FPF2193, FPF2194, and FPF2195 current limit is
set with an external resistor connected between ISET and
GND. This resistor is selected using the following
equation:
LIM
SET
I
6
.
551
R
=
(1)
RSET is in
Ω and ISET is in Amps.
Table 1 can also be used to select RSET. A typical
application would be the 500 mA current required by a
single USB port. Using Table 1, an appropriate selection
for the RSET resistor would be 788 Ω. This ensures that
the port load could draw 525 mA, but not more than
875 mA. Likewise for a dual-port system; an RSET of
368 Ω always delivers at least 1125 mA and never more
than 1875 mA.
Table 1.
Current Limit Various RSET Values
RSET(
Ω)
Min. Current
Limit (mA)
Typ. Current
Limit (mA)
Max. Current
Limit (mA)
368
1125
1500
1875
441
928
1250
1562
552
750
1000
1250
613
675
900
1125
690
600
800
1000
788
525
700
875
919
450
600
750
1103
375
500
625
1226
338
450
563
1379
300
400
500
1576
263
350
438
1839
225
300
375
2206
188
250
313
2758
150
200
250
3677
113
150
188
5516
75
100
125
Input Capacitor
To limit the voltage drop on the input supply caused by
transient inrush currents when the switch is turned on
into a discharged load capacitor or a short-circuit, a
capacitor needs to be placed between VIN and GND. A
0.1 µF ceramic capacitor, CIN, placed close to the pins is
usually sufficient. Higher values of CIN can be used to
further reduce the voltage drop.
Output Capacitor
A 0.1 µF capacitor, COUT, should be placed between
VOUT and GND. This capacitor prevents parasitic board
inductances from forcing VOUT below GND when the
switch turns off. For the FPF2193 and FPF2194, the
total output capacitance needs to be kept below a
maximum value, COUT(max), to prevent the part from
registering an over-current condition and turning off the
switch. The maximum output capacitance can be
determined from the following formula:
IN
BLANK
LIM
OUT
V
(min)
t
(max)
I
(max)
C
×
=
(2)
Power Dissipation
During normal operation as a switch, the power
dissipated depends upon the level at which the current
limit is set. The maximum allowed setting for the current
limit is 1.5 A and results in a power dissipation of:
mW
75
.
123
055
.
0
)
5
.
1
(
R
)
I
(
P
2
ON
2
LIM
=
×
=
×
=
(3)
If the part goes into current limit, the maximum power
dissipation occurs when the output is shorted to ground.
For the FPF2193, the power dissipation scales by the
auto-restart time, tRSTRT, and the over-current blanking
time, tBLANK, so that the maximum power dissipated is:
mW
6
.
515
5
.
1
5
.
5
450
30
30
(max)
I
(max)
V
t
t
t
(max)
P
LIM
IN
RSTRT
BLANK
BLANK
=
×
×
+
=
×
×
+
=
(4)


유사한 부품 번호 - FPF2194

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2194 FAIRCHILD-FPF2194 Datasheet
309Kb / 5P
   Reliable USB Modem Design Using the Combination of an Integrated Load Switch and a Buck Converter
logo
ON Semiconductor
FPF2194 ONSEMI-FPF2194 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
More results

유사한 설명 - FPF2194

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
   Load Switch IC with Current Limit function
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com