전자부품 데이터시트 검색엔진 |
|
AD9244-65PCB 데이터시트(PDF) 5 Page - Analog Devices |
|
AD9244-65PCB 데이터시트(HTML) 5 Page - Analog Devices |
5 / 36 page REV. A AD9244 –5– Test AD9244BST-65 AD9244BST-40 Parameter Temp Level Min Typ Max Min Typ Max Unit CLOCK INPUT PARAMETERS Maximum Conversion Rate Full VI 65 40 MHz Minimum Conversion Rate Full V 500 500 kHz Clock Period 1 Full V 15.4 25 ns Clock Pulsewidth High 2 Full V 4 4 ns Clock Pulsewidth Low 2 Full V 4 4 ns Clock Pulsewidth High 3 Full V 6.9 11.3 ns Clock Pulsewidth Low 3 Full V 6.9 11.3 ns DATA OUTPUT PARAMETERS Output Delay (tPD) 4 Full V 3.5 7 3.5 7 ns Pipeline Delay (Latency) Full V 8 8 Clock Cycles Aperture Delay (tA) Full V 1.5 1.5 ns Aperture Uncertainty (Jitter) Full V 0.3 0.3 ps rms Output Enable Delay Full V 15 15 ns OUT-OF-RANGE RECOVERY TIME Full V 2 1 Clock Cycles NOTES 1The clock period may be extended to 2 µs with no degradation in specified performance at 25°C. 2With duty cycle stabilizer enabled. 3With duty cycle stabilizer disabled. 4Measured from clock 50% transition to data 50% transition with 5 pF load on each output. Specifications subject to change without notice (AVDD = 5 V, DRVDD = 3 V, unless otherwise noted.) SWITCHING SPECIFICATIONS N N+1 N+2 N+3 N+4 N+5 N+6 N+7 N+8 N+9 ANALOG INPUT CLOCK DATA OUT tPD tA N–9 N–8 N–7 N–6 N–5 N–4 N–3 N–2 N–1 N N+1 Figure 1. Input Timing |
유사한 부품 번호 - AD9244-65PCB |
|
유사한 설명 - AD9244-65PCB |