전자부품 데이터시트 검색엔진 |
|
AD9244-65PCB 데이터시트(PDF) 6 Page - Analog Devices |
|
AD9244-65PCB 데이터시트(HTML) 6 Page - Analog Devices |
6 / 36 page REV. A –6– AD9244 ABSOLUTE MAXIMUM RATINGS 1 With Mnemonic Respect to Min Max Unit ELECTRICAL AVDD AGND –0.3 +6.5 V DRVDD DGND –0.3 +6.5 V AGND DGND –0.3 +0.3 V AVDD DRVDD –6.5 +6.5 V REFGND AGND –0.3 +0.3 V CLK+, CLK–, DCS AGND –0.3 AVDD + 0.3 V DFS AGND –0.3 AVDD + 0.3 V VIN+, VIN– AGND –0.3 AVDD + 0.3 V VREF AGND –0.3 AVDD + 0.3 V SENSE AGND –0.3 AVDD + 0.3 V REFB, REFT AGND –0.3 AVDD + 0.3 V CML AGND –0.3 AVDD + 0.3 V VR AGND –0.3 AVDD + 0.3 V OTR DGND –0.3 DRVDD + 0.3 V D0–D13 DGND –0.3 DRVDD + 0.3 V OEB DGND –0.3 DRVDD + 0.3 V ENVIRONMENTAL 2 Junction Temperature 150 °C Storage Temperature –65 +150 °C Operating Temperature –40 +85 °C Lead Temperature (10 sec) 300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. 2Typical thermal impedances; JA = 50.0 °C/W; JC = 17.0 °C/W. These measure- ments were taken on a 4-layer board in still air, in accordance with EIA/JESD51-7. EXPLANATION OF TEST LEVELS Test Level I. 100% production tested. II. 100% production tested at 25 °C and sample tested at specified temperatures. III. Sample tested only. IV. Parameter is guaranteed by design and characterization testing. V. Parameter is a typical value only. VI. 100% production tested at 25 °C; guaranteed by design and characterization testing for industrial temperature range; 100% production tested at temperature extremes for military devices. ORDERING GUIDE Model Temperature Range Package Description Package Option AD9244BST-65 –40 °C to +85°C 48-Lead Low Profile Quad Flatpack Package ST-48 AD9244BST-40 –40 °C to +85°C 48-Lead Low Profile Quad Flatpack Package ST-48 AD9244BSTRL-65 –40 °C to +85°C 48-Lead Low Profile Quad Flatpack Package ST-48 AD9244BSTRL-40 –40 °C to +85°C 48-Lead Low Profile Quad Flatpack Package ST-48 AD9244-65PCB Evaluation Board AD9244-40PCB Evaluation Board CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9244 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
유사한 부품 번호 - AD9244-65PCB |
|
유사한 설명 - AD9244-65PCB |