전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS3DC106F 데이터시트(PDF) 1 Page - KOA Speer Electronics, Inc.

부품명 GS3DC106F
상세설명  high voltage high resistance thick film resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KOA [KOA Speer Electronics, Inc.]
홈페이지  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

GS3DC106F 데이터시트(HTML) 1 Page - KOA Speer Electronics, Inc.

  GS3DC106F Datasheet HTML 1Page - KOA Speer Electronics, Inc. GS3DC106F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Derating Curve
100
80
60
40
20
-60
-40
0
40
6080100
25
20
Ambient Temperature
(°C)
0
-55
120
125
-20
140
Surface Temperature Rise
140
120
100
60
20
02060
80
% Rated Power
0
100
GS12
GS7
GS1/2
GS1/4
40
80
40
GS10
GS1
GS5
GS3
GS2
118
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
GS
high voltage high resistance thick film resistors
features
Miniature construction endurable to high voltage
and high power
Resistors excellent in anti-surge characteristics
Wide resistance range of 0.5MΩ - 10GΩ and small T.C.R.
Marking: Brown body color with alpha/numeric marking
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
C: SnCu
ordering information
±2%, ±5%, ±10%:
2 significant figures
+ 1 multiplier
±0.5%, ±1%:
3 significant figures
+ 1 multiplier
1/4: 0.25W
1/2: 0.5W
1: 1W
2: 2W
3: 3W
5: 5W
7: 7W
10: 10W
12: 12W
D(B): ±100
L(A): ±200
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
K: ±10%
GS
1/2
L
T.C.R.
Type
Power
Rating
Nominal
Resistance
Resistance
Tolerance
Termination
Surface Material
New Part #
C
106
J
dimensions and construction
Ceramic Core
d
D
Resistive
Film
Insulation Coating
Trimming Line
Electrode
Cap
Lead
Wire
L
l
L
GS 1/4
.248±.039
(6.3±1.0)
.091±.020
(2.3±0.5)
.138±.024
(3.5±0.6)
.026
(0.65)
.039
(1.0)
.311±.039
(7.9±1.0)
.374±.039
(9.5±1.0)
.591±.059
(15.0±1.5)
GS 1/2
GS 1
GS 2
Type
D
d (Nominal)
Dimensions inches
(mm)
.945±.059
(24.0±1.5)
GS 3
2.05±.079
(52.0±2.0)
GS 5
2.99±.079
(76.0±2.0)
GS 7
3.82±.118
(97.0±3.0)
GS 10
4.61±.118
(117.0±3.0)
GS 12
5.39±.118
(137.0±3.0)
1.50±.118
(38.0±3.0)
l
.177±.039
(4.5±1.0)
.031
(0.8)
EU
Packaging quantity:
GS1/4: 100 pieces
GS1/2: 50 pieces
GS1: 20 pieces
GS2 ~ 12: 10 pieces
Custom forming for all sizes and custom taping for
GS1/4 - GS1/2 are available upon request.
For resistors operated at an ambient temperature
of 25°C or above, a power rating shall be derated
in accordance with the above derating curve.


유사한 부품 번호 - GS3DC106F

제조업체부품명데이터시트상세설명
logo
KOA Speer Electronics, ...
GS3DC106F KOA-GS3DC106F Datasheet
102Kb / 3P
   high voltage high resistance thick film resistors
More results

유사한 설명 - GS3DC106F

제조업체부품명데이터시트상세설명
logo
KOA Speer Electronics, ...
GS1DC106 KOA-GS1DC106 Datasheet
102Kb / 3P
   high voltage high resistance thick film resistors
logo
Riedon Powertron
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com