전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBW13009-O 데이터시트(PDF) 4 Page - SemiWell Semiconductor

부품명 SBW13009-O
상세설명  High Voltage Fast-Switching NPN Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIWELL [SemiWell Semiconductor]
홈페이지  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SBW13009-O 데이터시트(HTML) 4 Page - SemiWell Semiconductor

  SBW13009-O Datasheet HTML 1Page - SemiWell Semiconductor SBW13009-O Datasheet HTML 2Page - SemiWell Semiconductor SBW13009-O Datasheet HTML 3Page - SemiWell Semiconductor SBW13009-O Datasheet HTML 4Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SBW13009-O
TO-3P Dimension
4/4
corresponding
symbol
measurement
A(mm)
15.60±0.20
A1(mm)
13.60±0.20
A2(mm)dia.
9.60±0.20
B(mm)
19.90±0.20
B1(mm)
13.90±0.20
B2(mm)
12.76±0.20
B3(mm)
3.80±0.20
C(mm)
20.00±0.30
C1(mm)
3.50±0.20
C2(mm)
16.50±0.30
D(mm)
5.45(TYP)
D1
2.0±0.20
D2
3.0±0.20
D3
1.00±0.20
E(mm)
4.80±0.20
+0.15
E1(mm)
1.50±
-0.05
E2(mm)
1.40±0.20
F(mm)
18.70±0.20
+0.15
G(mm)
0.60
-0.05
φ(mm)
3.20±0.10


유사한 부품 번호 - SBW13009-O

제조업체부품명데이터시트상세설명
logo
Shenzhen Winsemi Microe...
SBW13009-O WINSEMI-SBW13009-O Datasheet
414Kb / 5P
   High voltage Fast Switching NPN Power Transistor
More results

유사한 설명 - SBW13009-O

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com