전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1LTE20L0F 데이터시트(PDF) 1 Page - KOA Speer Electronics, Inc.

부품명 SL1LTE20L0F
상세설명  surface mount molded current sense resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KOA [KOA Speer Electronics, Inc.]
홈페이지  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SL1LTE20L0F 데이터시트(HTML) 1 Page - KOA Speer Electronics, Inc.

  SL1LTE20L0F Datasheet HTML 1Page - KOA Speer Electronics, Inc. SL1LTE20L0F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/17/13
SL, SLN, TSL
surface mount molded current sense resistors
features
Surface mount type
Flameproof UL94V0 molded polymer case
Excellent dimension accuracy, mountability
and shock resistance
Low profile type available (TSL)
Marking: Black body color with white marking or laser marking
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
AEC-Q200 Qualified
ordering information
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
T: Sn
L: SnPb (SL1,
SL2, SL3, SLZ,
TSL only)
±2%, ±5%: 2 significant figures
+ 1 multiplier “R” indicates decimal
on value <10Ω
±0.5%, ±1%: 3 significant figures
+ 1 multiplier “R” indicates decimal
on value <100Ω
All values less than 0.1Ω (100mΩ)
are expressed in mΩ with “L”
as decimal
Example: 20mΩ, 1% = 20L0
07: 0.75W
1: 1W
2: 2W
3: 3W
SL
SLN
SLZ
TSL
SL07, SL1, SLZ1, TSL-
(TE: 7" embossed plastic)
SL2, SLN2, SL3-
TE: 10" embossed plastic
For further information on
packaging please refer to
Appendix A
SL
Type
Size
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
1
TE
20L0
F
T
dimensions and construction
W
t
L
a
b
c
c
Molded
Resin
Resistive
Element
Electrode
.453±.012
(11.5±0.3)
.276±.008
(7.0±0.2)
.276±.008
(7.0±0.2)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
.094±.008
(2.4±0.2)
.102±.02
(2.6±0.5)
.453±.012
(11.5±0.3)
.217±.008
(5.5±0.2)
.100±.016
(2.55±0.4)
SL1/SLZ1
(2512)
SL2
(4528)
SLN2
(4528)
c
b
a
t
W
L
Dimensions inches
(mm)
.248±.012
(6.3±0.3)
.122±.008
(3.1±0.2)
.075±.008
(1.9±0.2)
.047±.008
(1.2±0.2)
.067±.008
(1.7±0.2)
.063±.008
(1.6±0.2)
.047±.012
(1.2±0.3)
.094±.008
(2.4±0.2)
SL07
(2010)
.197±.012
(5.0±0.3)
.098±.008
(2.5±0.2)
.067±.008
(1.7±0.2)
.047±.008
(0.9±0.2)
.035±.012
(1.2±0.3)
.079±.008
(2.0±0.2)
Size
Code
.453±.012
(11.5±0.3)
.276±.008
(7.0±0.2)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
.102±.02
(2.6±0.5)
SL3
(4528)
.067±.008
(1.7±0.2)
.122±.008
(3.1±0.2)
.039±.008
(1.0±0.2)
.248±.012
(6.3±0.3)
.094±.008
(2.4±0.2)
.047±.012
(1.2±0.3)
TSL1
(2512)
.028±.008
(0.7±0.2)
EU
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
E-24*
Resistance
Range
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.***
applications and ratings
SL1
1W
200V
400V
±180: R=<13mΩ
±100: R=>15mΩ
5mΩ - 1MΩ
(G: ±2%)
3mΩ ~ 22MΩ
3mΩ, 4mΩ
(J: ±5%)
(F: ±1%)
10mΩ - 1MΩ
(D: ±0.5%)
SL07
0.75W
––
––
0~200: R=<10mΩ
0~150: R=>11mΩ
5mΩ - 100mΩ
(J: ±5%)
(F: ±1%)
-55°C to +180°C


유사한 부품 번호 - SL1LTE20L0F

제조업체부품명데이터시트상세설명
logo
KOA Speer Electronics, ...
SL1LTE12L0F KOA-SL1LTE12L0F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL1LTE51L0F KOA-SL1LTE51L0F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL1LTE56L2F KOA-SL1LTE56L2F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL1LTER121F KOA-SL1LTER121F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL1LTER475F KOA-SL1LTER475F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
More results

유사한 설명 - SL1LTE20L0F

제조업체부품명데이터시트상세설명
logo
KOA Speer Electronics, ...
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
   surface mount molded current sense resistors
SL3TTER100F KOA-SL3TTER100F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
   surface mount molded current sense resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
KOA Speer Electronics, ...
NPR1TTE KOA-NPR1TTE Datasheet
98Kb / 2P
   surface mount molded current sense resistor
NPR1TTE100J KOA-NPR1TTE100J Datasheet
257Kb / 2P
   surface mount molded current sense resistor
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com