전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADDC02805SAKV 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADDC02805SAKV
상세설명  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADDC02805SAKV 데이터시트(HTML) 1 Page - Analog Devices

  ADDC02805SAKV Datasheet HTML 1Page - Analog Devices ADDC02805SAKV Datasheet HTML 2Page - Analog Devices ADDC02805SAKV Datasheet HTML 3Page - Analog Devices ADDC02805SAKV Datasheet HTML 4Page - Analog Devices ADDC02805SAKV Datasheet HTML 5Page - Analog Devices ADDC02805SAKV Datasheet HTML 6Page - Analog Devices ADDC02805SAKV Datasheet HTML 7Page - Analog Devices ADDC02805SAKV Datasheet HTML 8Page - Analog Devices ADDC02805SAKV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FUNCTIONAL BLOCK DIAGRAM
+VOUT
RETURN
+ SENSE
ADJUST
STATUS
VAUX
INHIBIT
SYNC
ISHARE
TEMP
–VIN
+VIN
FIXED
FREQUENCY
DUAL
INTERLEAVED
POWER TRAIN
– SENSE
RETURN
RETURN
+VOUT
+VOUT
OUTPUT
FILTER
OUTPUT SIDE
CONTROL
CIRCUIT
INPUT SIDE
CONTROL
CIRCUIT
EMI FILTER
ADDC02803SC
ADDC02805SA
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADDC02803SC/ADDC02805SA
FEATURES
28 V dc Input, 5 V dc @ 20 A, 100 W Output
(ADDC02805SA)
28 V dc Input, 3.3 V dc @ 20 A, 66 W Output
(ADDC02803SC)
Integral EMI Filter Designed to Meet MIL-STD-461D
Low Weight: 80 Grams
NAVMAT Derated
Many Protection and System Features
APPLICATIONS
Commercial and Military Airborne Electronics
Missile Electronics
Space-Based Antennae and Vehicles
Mobile/Portable Ground Equipment
Distributed Power Architecture for Active Array Radar
GENERAL DESCRIPTION
The ADDC02803SC and ADDC02805SA hybrid dc/dc con-
verters with integral EMI filters offer the highest power density
of any dc/dc converter with their features and in their power
range available today. The converters with integral EMI filters
are fixed frequency, 1 MHz square wave switching dc/dc power
supplies. They are not variable frequency resonant converters.
In addition to many protection features, these converters have
system level features that allow them to be used as components
in larger systems as well as stand-alone power supplies. The
units are designed for high reliability and high performance
applications where saving space and/or weight are critical.
The ADDC02803SC and ADDC02805SA are available in
three screening grades; all grades use a hermetically sealed,
molybdenum based hybrid package. Three screening levels
are available, including military SMD.
28 V/66 W/100 W DC/DC Converters
with Integral EMI Filter
PRODUCT HIGHLIGHTS
1. Up to 60 W/cubic inch power density with an integral EMI
filter designed to meet all applicable requirements in MIL-
STD-461D when installed in a typical system setup.
2. Light weight: 80 grams
3. Operational and survivable over a wide range of input condi-
tions: 16 V–50 V dc; survives low line, high line and positive
and negative transients. See section entitled: Input Voltage
Range.
4. High reliability; NAVMAT derated
5. Protection features include:
Output Overvoltage Protection
Output Short Circuit Current Protection
Thermal Monitor/Shutdown
Input Overvoltage Shutdown
Input Transient Protection
6. System level features include:
Current Sharing for Parallel Operation
Inhibit Control
Output Status Signal
Synchronization for Multiple Units
Input Referenced Auxiliary Voltage Supply
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


유사한 부품 번호 - ADDC02805SAKV

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
More results

유사한 설명 - ADDC02805SAKV

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
Emerson Network Power
NXA66 EMERSON-NETWORKPOWER-NXA66 Datasheet
653Kb / 2P
   66 W Non-isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com