전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST450RAA102JLZ 데이터시트(PDF) 1 Page - Coilcraft lnc.

부품명 ST450RAA102JLZ
상세설명  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST450RAA102JLZ 데이터시트(HTML) 1 Page - Coilcraft lnc.

  ST450RAA102JLZ Datasheet HTML 1Page - Coilcraft lnc. ST450RAA102JLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ChipInductorsforCriticalApplicationsST450RAA
1812 CHIP INDUCTORS
Inductance2
Percent
SRF min4
DCR max5
Imax
Part number1
(µH)
tolerance
Q min3
(MHz)
(Ohms)
(mA)
ST450RAA102JLZ
1.0 @ 7.9 MHz
5,2,1
59 @ 50 MHz
260
1.1
530
ST450RAA122JLZ
1.2 @ 7.9 MHz
5,2,1
54 @ 50 MHz
230
1.2
480
ST450RAA152_LZ
1.5 @ 7.9 MHz
5,2,1
57 @ 50 MHz
210
1.6
430
ST450RAA182JLZ
1.8 @ 7.9 MHz
5,2,1
57 @ 50 MHz
190
2.0
380
ST450RAA222JLZ
2.2 @ 7.9 MHz
5,2,1
52 @ 50 MHz
170
2.2
340
ST450RAA272JLZ
2.7 @ 7.9 MHz
5,2,1
53 @ 50 MHz
160
3.2
300
ST450RAA332JLZ
3.3 @ 7.9 MHz
5,2,1
53 @ 50 MHz
145
3.8
270
ST450RAA392_LZ
3.9 @ 7.9 MHz
5,2,1
53 @ 50 MHz
130
5.0
240
ST450RAA472JLZ
4.7 @ 7.9 MHz
5,2,1
32 @ 10 MHz
115
5.4
230
1.When ordering, specify
tolerance, termination and testing codes:
ST450RAA333JLZ
Tolerance:
F = 1% G = 2% J = 5%
Termination: L = RoHS compliant silver-palladium-platinum glass frit.
Special order:
S = Tin-lead (63/37) over silver-platinum-glass frit.
T = Tin-silver-copper (95.5/4/0.5) over silver-platinum-
glass frit.
P = Tin-lead (63/37) over tin over nickel over silver-
platinum-glass frit.
Q = Tin-silver-copper (95.5/4/0.5) over tin over nickel
over silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286 impedance analyzer or equivalent with Coilcraft-provided correla-
tion pieces.
3. Q measured at the same frequency as inductance using an Agilent/
HP 4291A with an Agilent/HP 16197 test fixture or equivalents.
4. SRF measured using an Agilent/HP 8753ES network analyzer or equiva-
lent and a Coilcraft SMD-D test fixture.
5. DCR measured on a Keithley 580 micro-ohmmeter or equivalent and a
Coilcraft CCF859 test fixture.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Higher SRF values than 1812 size parts with ferrite cores
2% and 1% tolerances for all values
9 inductance values from 1.0 to 4.7 µH
Core material Ceramic
Terminations Silver-palladium-platinum-glass frit. Other terminations
available at additional cost.
Weight: 109 – 128 mg
Ambient temperature –40°C to +125°C with Imax current, +125°C
to +140°C with derated current
Storage temperature Component: –55°C to +140°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +155 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 600 per 7
″ reel Plastic tape: 12 mm wide, 0.3 mm
thick, 8 mm pocket spacing, 3.7 mm pocket depth
Document ST105-1 Revised 11/06/12


유사한 부품 번호 - ST450RAA102JLZ

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB104JLZ COILCRAFT-ST450RAB104JLZ Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB105JLZ COILCRAFT-ST450RAB105JLZ Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB123JLZ COILCRAFT-ST450RAB123JLZ Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB124JLZ COILCRAFT-ST450RAB124JLZ Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
More results

유사한 설명 - ST450RAA102JLZ

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com