전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST526PND 데이터시트(PDF) 2 Page - Coilcraft lnc.

부품명 ST526PND
상세설명  Coupled Inductors for Critical Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST526PND 데이터시트(HTML) 2 Page - Coilcraft lnc.

  ST526PND Datasheet HTML 1Page - Coilcraft lnc. ST526PND Datasheet HTML 2Page - Coilcraft lnc. ST526PND Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Coupled Inductors–ST526PND
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Document ST621-2 Revised 02/15/12
7342 COUPLED INDUCTORS
Coupling Leakage
Isat (A)6
Irms (A)
Inductance2 DCR max3 SRF typ4 coefficient
L typ5
10%
20%
30%
both
one
Part number1
±20% (µH)
(Ohms)
(MHz)
typ
(µH)
drop
drop
drop
windings7 winding8
ST526PND252MLZ
2.5
0.033
55
0.97
0.14
6.0
6.2
6.3
2.17
3.06
ST526PND332MLZ
3.3
0.037
43
0.99
0.09
5.2
5.3
5.4
2.05
2.89
ST526PND472MLZ
4.7
0.051
35
0.99
0.11
4.1
4.3
4.6
1.74
2.46
ST526PND562MLZ
5.6
0.063
32
0.99
0.09
3.9
4.1
4.2
1.57
2.22
ST526PND682MLZ
6.8
0.070
30
0.99
0.14
3.7
3.8
3.9
1.49
2.10
ST526PND822MLZ
8.2
0.075
27
0.98
0.25
3.3
3.4
3.5
1.44
2.03
ST526PND103MLZ
10
0.100
22
0.98
0.30
2.8
2.9
3.0
1.24
1.76
ST526PND123MLZ
12
0.120
20
0.98
0.36
2.5
2.6
2.7
1.14
1.61
ST526PND153MLZ
15
0.130
18
0.98
0.49
2.2
2.3
2.4
1.09
1.54
ST526PND183MLZ
18
0.170
15
>0.99
0.16
2.0
2.2
2.3
0.95
1.35
ST526PND223MLZ
22
0.220
13.5
>0.99
0.20
1.9
2.0
2.1
0.84
1.19
ST526PND273MLZ
27
0.250
12.0
>0.99
0.20
1.7
1.8
1.9
0.79
1.11
ST526PND333MLZ
33
0.270
11.0
>0.99
0.15
1.5
1.6
1.7
0.76
1.07
ST526PND393MLZ
39
0.380
10.0
0.99
0.70
1.3
1.4
1.5
0.64
0.90
ST526PND473MLZ
47
0.420
9.5
>0.99
0.30
1.2
1.3
1.4
0.61
0.86
ST526PND563MLZ
56
0.460
8.7
>0.99
0.51
1.1
1.2
1.3
0.58
0.82
ST526PND683MLZ
68
0.600
7.3
>0.99
0.51
1.0
1.1
1.2
0.51
0.72
ST526PND823MLZ
82
0.680
6.2
0.99
1.17
0.90
1.00
1.1
0.48
0.67
ST526PND104MLZ
100
0.770
5.5
>0.99
0.96
0.80
0.92
0.98
0.45
0.63
ST526PND124MLZ
120
1.03
4.5
>0.99
0.61
0.70
0.80
0.90
0.39
0.55
ST526PND154MLZ
150
1.35
4.0
>0.99
0.54
0.65
0.76
0.80
0.34
0.48
ST526PND184MLZ
180
1.52
3.8
>0.99
0.75
0.62
0.66
0.73
0.32
0.45
ST526PND224MLZ
220
1.72
3.5
>0.99
1.43
0.59
0.62
0.66
0.30
0.42
ST526PND274MLZ
270
2.41
3.3
>0.99
1.56
0.55
0.57
0.60
0.25
0.36
ST526PND334MLZ
330
2.70
3.0
>0.99
1.65
0.49
0.52
0.54
0.24
0.34
ST526PND394MLZ
390
3.05
2.8
0.99
4.73
0.45
0.47
0.50
0.23
0.32
ST526PND474MLZ
470
4.00
2.6
0.99
5.50
0.41
0.43
0.46
0.20
0.28
ST526PND564MLZ
560
4.43
2.5
>0.99
4.85
0.38
0.40
0.42
0.19
0.26
ST526PND684MLZ
680
5.00
2.3
0.99
7.59
0.36
0.37
0.38
0.18
0.25
ST526PND824MLZ
820
6.80
2.2
>0.99
8.01
0.30
0.32
0.35
0.15
0.21
ST526PND105MLZ
1000
7.80
2.0
>0.99
8.69
0.27
0.29
0.31
0.14
0.20
1. When ordering, please specify
termination and testing codes:
ST526PND105MLZ
Termination: L = RoHS compliant matte tin over nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads
are connected in parallel, inductance is the same value. When leads are
connected in series, inductance is four times the value.
3. DCR is for each winding. When leads are connected in parallel, DCR
is half the value. When leads are connected in series, DCR is twice the
value.
4. SRF measured using an Agilent/HP 4191A or equivalent. When leads
are connected in parallel, SRF is the same value.
5. Leakage inductance is for L1 and is measured with L2 shorted.
6. DC current, at which the inductance drops the specified amount from its
value without current. It is the sum of the current flowing in both windings.
7. Equal current when applied to each winding simultaneously that causes
a 40°C temperature rise from 25°C ambient. See temperature rise calcu-
lation.
8. Maximum current when applied to one winding that causes a 40°C
temperature rise from 25°C ambient. See temperature rise calculation.
9. Electrical specifications at 25°C.
Refer to Doc 639 “Selecting Coupled Inductors for SEPIC Applications.”
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Temperature rise calculation based on specified Irms
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency, peak-to-peak
(ripple) current, and Irms current to predict temperature rise and overall
losses, including core loss. Visit www.coilcraft-cps.com/coupledloss.
Temperature rise ( t) = Winding power loss × 129°C
W
D
Dt =×
129°C
W
(+) × DCR
II
L1
2
L2
2
Winding power loss = (+
) × DCR in Watts (W)
II
L1
2
L2
2
Example 1. 526PND-123ML (Equal current in each winding)
Winding power loss = (1.14 + 1.14 ) × 0.120 = 0.312 W
t = 0.312 W ×
129°C
W
= 40°C
22
D
Example 2.
(= 1.4 A,
Winding p
-123ML
= 0.6 A)
526PND
II
L1
L2
22
ower loss = (1.4 + 0.6 ) × 0.120 = 0.278 W
t = 0.278 W ×
129°C
W
= 36°C
D


유사한 부품 번호 - ST526PND

제조업체부품명데이터시트상세설명
logo
BCM Advanced Research.
ST526-RX370Q BCM-ST526-RX370Q Datasheet
470Kb / 1P
   SySTIUM® Model 526E Chassis Power Supply BCM RX370Q Mini-ITX Motherboard for Certified Solution
2021/08/18
More results

유사한 설명 - ST526PND

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
   Coupled Inductors for Critical Applications
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
   Coupled Inductors for Critical Applications
ST450PHD COILCRAFT-ST450PHD Datasheet
383Kb / 2P
   Coupled Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com