전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB140EH 데이터시트(PDF) 3 Page - Sirectifier Global Corp.

부품명 SB140EH
상세설명  Power Schottky Rectifier - 1Amp 40~200Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRECT [Sirectifier Global Corp.]
홈페이지  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB140EH 데이터시트(HTML) 3 Page - Sirectifier Global Corp.

  SB140EH Datasheet HTML 1Page - Sirectifier Global Corp. SB140EH Datasheet HTML 2Page - Sirectifier Global Corp. SB140EH Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
http:// www.sirectsemi.com
SB140EH~SB1200EH
DO-41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
A
K
SB140EH ~ SB1200EH


유사한 부품 번호 - SB140EH

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB140E PANJIT-SB140E Datasheet
120Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Gulf Semiconductor
SB140E GULFSEMI-SB140E Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
logo
Sirectifier Global Corp...
SB140E SIRECT-SB140E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
logo
Pan Jit International I...
SB140E PANJIT-SB140E Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
More results

유사한 설명 - SB140EH

제조업체부품명데이터시트상세설명
logo
Sirectifier Global Corp...
MBR140 SIRECT-MBR140 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 1Amp 40~200Volt
SB1150 SIRECT-SB1150 Datasheet
222Kb / 2P
   Power Schottky Rectifier - 1Amp 150~200Volt
SB1150H SIRECT-SB1150H Datasheet
222Kb / 2P
   Power Schottky Rectifier - 1Amp 150~200Volt
SB140E SIRECT-SB140E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
SB140H SIRECT-SB140H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
SB140 SIRECT-SB140 Datasheet
214Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
SB340ESH SIRECT-SB340ESH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
SB240ES SIRECT-SB240ES Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
SB240ESH SIRECT-SB240ESH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
SB340ES SIRECT-SB340ES Datasheet
184Kb / 3P
   Power Schottky Rectifier - 3Amp 40~200Volt
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com