전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM238LAR 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADM238LAR
상세설명  5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM238LAR 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADM238LAR Datasheet HTML 7Page - Analog Devices ADM238LAR Datasheet HTML 8Page - Analog Devices ADM238LAR Datasheet HTML 9Page - Analog Devices ADM238LAR Datasheet HTML 10Page - Analog Devices ADM238LAR Datasheet HTML 11Page - Analog Devices ADM238LAR Datasheet HTML 12Page - Analog Devices ADM238LAR Datasheet HTML 13Page - Analog Devices ADM238LAR Datasheet HTML 14Page - Analog Devices ADM238LAR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM223/ADM230L–ADM241L
–11–
REV. 0
4
5.0
6
3.0
10
8
4.0
VCC – V
VOUT (1 O/P LOADED)
VOUT (ALL O/Ps LOADED)
Figure 27. Transmitter Output Voltage vs. VCC
0
40
2
0
6
4
8
10
30
20
10
| V– |
IOUT — mA
V+
Figure 25. Charge Pump V+, V– vs. Current
12
0
8
2
0
6
4
8
10
6
4
2
TOUT HIGH
TOUT LOW
IOUT – mA
Figure 28. Transmitter Output Voltage vs. Current
18
4
2500
10
6
8
0
16
12
14
2000
1500
1000
500
CAPACITIVE LOAD – pF
Figure 26. Transmitter Slew Rate vs. Load Capacitance
0
5
100
3
300
200
4
VCC – V
V– (LOADED)
V– (UNLOADED)
V+ (UNLOADED)
V+ (LOADED)
Figure 29. Charge Pump Impedance vs. VCC


유사한 부품 번호 - ADM238LAR

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM238L AD-ADM238L Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM238LJN AD-ADM238LJN Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM238LJN AD-ADM238LJN Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM238LJNZ1 AD-ADM238LJNZ1 Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

유사한 설명 - ADM238LAR

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com