전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADD5211ACPZ-RL 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADD5211ACPZ-RL
상세설명  Four-String, White LED Driver for LCD Backlight Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADD5211ACPZ-RL 데이터시트(HTML) 4 Page - Analog Devices

  ADD5211ACPZ-RL Datasheet HTML 1Page - Analog Devices ADD5211ACPZ-RL Datasheet HTML 2Page - Analog Devices ADD5211ACPZ-RL Datasheet HTML 3Page - Analog Devices ADD5211ACPZ-RL Datasheet HTML 4Page - Analog Devices ADD5211ACPZ-RL Datasheet HTML 5Page - Analog Devices ADD5211ACPZ-RL Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ADD5211
Preliminary Technical Data
Rev. PrA | Page 4 of 6
PIN CONFIGURATION AND FUNCTION
DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
FAULT
PWM
EN
VIN
UVLO
VDR
FB1
FB2
LGND
FB3
FB4
OVP
ADD5211
TOP VIEW
NOTES
1. CONNECT THE EXPOSED PADDLE TO GROUND.
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
VDR
Switching MOSFET Gate Driver Supply Pin.
Bypass VDR to AGND with a 1 µF bypass
capacitor.
2
UVLO
Input Undervoltage Lockout. Set the start-
up and shutdown input voltage level by
connecting this pin to the input voltage
through a voltage divide resistor.
3
VIN
Supply Input Pin. Bypass VIN to AGND with
a 1 µF bypass capacitor.
4
EN
Shutdown Control Pin for PWM Input
Operation Mode.
5
PWM
PWM Signal Input.
6
FAULT
Open Drain Fault Output.
7
SS
Soft Start Pin.
8
COMP
Compensation for the Boost Converter. Two
capacitors and a resistor are connected in
series between ground and this pin for
stable operation.
9
FREQ
Frequency Select. A resistor from this pin to
Pin
No.
Mnemonic
Description
ground sets the boost switching frequency
from 200 kHz to 1.2 MHz.
10
ISET
Full-Scale LED Current Set. A resistor from
this pin to ground sets the LED current up
to 200 mA.
11
VDD
Internal Linear Regulator Output. This
regulator provides power to the ADD5211.
Bypass VDD to AGND with a 1 µF bypass
capacitor.
12
LSD
LED Short Voltage Level Setting Pin. To
disable LED short protection, connect this
pin to VDD.
13
FB1
Regulated Current Sink. Connect the
bottom cathode of the LED string to this
pin. If unused, connect FB1 to LGND.
14
FB2
Regulated Current Sink. Connect the
bottom cathode of the LED string to this
pin. If unused, connect FB2 to LGND.
15
LGND
LED Current Sink Ground.
16
FB3
Regulated Current Sink. Connect the
bottom cathode of the LED string to this
pin. If unused, connect FB3 to LGND.
17
FB4
Regulated Current Sink. Connect the
bottom cathode of the LED string to this
pin. If unused, connect FB4 to LGND.
18
OVP
Overvoltage Protection. The boost
converter output is connected to this pin
with voltage divide resistors.
19
PGND
Power Ground.
20
RAMP
Ramp Compensation Pin.
21
CS
Current Sense Input. Allows the current
sensing to control the boost and to limit the
switching current.
22
GATE_N
Switching MOSFET Gate Low Driving Pin.
23
GATE_P
Switching MOSFET Gate High Driving Pin.
24
AGND
Analog Ground.
EP
Exposed Paddle. Connect the exposed
paddle to ground.


유사한 부품 번호 - ADD5211ACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
   8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5203ACPZ-RL AD-ADD5203ACPZ-RL Datasheet
1Mb / 24P
   8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5205ACPZ-RL AD-ADD5205ACPZ-RL Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results

유사한 설명 - ADD5211ACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5203 AD-ADD5203 Datasheet
1Mb / 24P
   8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
REV. 0
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com