전자부품 데이터시트 검색엔진 |
|
7446322007 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
7446322007 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
1 / 1 page Bezeichnung : description : Gehäuse / case: LV a 26,5 max mm b 18,5 max mm c 30,5 max mm d 12,5 ± 0,2 mm e 15,0 ± 0,2 mm f 3,0 ± 0,5 mm ø 0,6 x 0,6 typ mm @@FRM 1@@ Eigenschaften / properties Wert / value Einheit / unit tol. Leerlauf-Induktivität / inductance DC-Widerstand / DC-resistance Nennstrom / nominal current Nennspannung / nominal voltage 33% +25°C 1500 V,50 Hz HasA Version 5 12-08-07 MST Version 4 05-11-22 MST Version 3 05-07-27 MST Version 2 04-01-18 MST Version 1 04-10-11 Name Änderung / modification Datum / date Freigabe erteilt / general release: Kunde / customer Würth Elektronik .................................................................................. HP 34401 A für/for IN und/and RDC Umgebungstemperatur / temperature: UL94V-0 P155 IEC317-20 F Werkstoffe & Zulassungen / material & approvals: G Eigenschaften / general specifications: C Lötpad / soldering spec.: B Elektrische Eigenschaften / electrical properties: 250 50 Hz mH RDC http://www.we-online.com Datum / date .................................................................................. Unterschrift / signature Kontrolliert / approved Würth Elektronik eiSos GmbH & Co. KG D-74638 · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked .................................................................................. .............................................................. Spezifikation für Freigabe / specification for release DATUM / DATE : 2012-08-07 max. A Testbedingungen / test conditions 1.9 UL94V-0 Klimabeständigkeit/ climatic class: 40/125/21 Verguß / molding: Betriebstemp. / operating temperature: -40°C - + 125°C Übertemperatur / temperature rise: < 55 K LO 6.8 Gehäuse / case: Draht / wire: Kunde / customer : STROMKOMPENSIERTE DROSSEL WE-LF CURRENT-COMPENSATED CHOKE WE-LF Artikelnummer / part number : 0.160 7446322007 A Mechanische Abmessungen / dimensions: 10 kHz / 50 mV / 25°C ±30% FLUKE PM 6306 für/for L0/LN UN IN Luftfeuchtigkeit / humidity: D Prüfgeräte / test equipment: E Testbedingungen / test conditions: not exceed 125°C under worst case operating conditions. V Ω Prüfspannung / testing voltage It is recommended that the temperature of the part does This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. f 1 2 N1 3 4 N2 1 4 2 3 Ø LF SEITE 1 VON 1 |
유사한 부품 번호 - 7446322007 |
|
유사한 설명 - 7446322007 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |