전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR291GRU-REEL 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADR291GRU-REEL
상세설명  Low Noise Micropower Precision Voltage References
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR291GRU-REEL 데이터시트(HTML) 1 Page - Analog Devices

  ADR291GRU-REEL Datasheet HTML 1Page - Analog Devices ADR291GRU-REEL Datasheet HTML 2Page - Analog Devices ADR291GRU-REEL Datasheet HTML 3Page - Analog Devices ADR291GRU-REEL Datasheet HTML 4Page - Analog Devices ADR291GRU-REEL Datasheet HTML 5Page - Analog Devices ADR291GRU-REEL Datasheet HTML 6Page - Analog Devices ADR291GRU-REEL Datasheet HTML 7Page - Analog Devices ADR291GRU-REEL Datasheet HTML 8Page - Analog Devices ADR291GRU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PIN CONFIGURATIONS
8-Lead Narrow Body SO (SO Suffix)
1
2
3
4
8
7
6
5
VOUT
VIN
GND
NC
NC
NC
NC
NC
ADR29x
TOP VIEW
(Not to Scale)
NC = NO CONNECT
8-Lead TSSOP (RU Suffix)
1
2
3
4
8
7
6
5
VOUT
VIN
GND
NC
NC
NC
NC
NC
ADR29x
TOP VIEW
(Not to Scale)
NC = NO CONNECT
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Noise Micropower
2.048 V, 2.5 V, and 4.096 V
Precision Voltage References
ADR290/ADR291/ADR292
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
FEATURES
Supply Range
2.35 V to 15 V, ADR290
2.8 V to 15 V, ADR291
4.4 V to 15 V, ADR292
Supply Current 12
A Max
Low-Noise 6
V, 8
V, 12
V p-p (0.1 Hz–10 Hz)
High Output Current 5 mA
Temperature Range
40 C to
125 C
Pin Compatible with REF02/REF19x
APPLICATIONS
Portable Instrumentation
Precision Reference for 3 V and 5 V Systems
A/D and D/A Converter Reference
Solar-Powered Applications
Loop-Current-Powered Instruments
GENERAL DESCRIPTION
The ADR290, ADR291 and ADR292 are low noise, micro-
power precision voltage references that use an XFET® reference
circuit. The new XFET architecture offers significant perfor-
mance improvements over traditional bandgap and Buried
Zener-based references. Improvements include: one quarter the
voltage noise output of bandgap references operating at the
same current, very low and ultralinear temperature drift, low
thermal hysteresis and excellent long-term stability.
The ADR29x family are series voltage references providing stable
and accurate output voltages from supplies as low as 2.35 V for the
ADR290. Output voltage options are 2.048 V, 2.5 V, and 4.096 V
for the ADR290, ADR291, and ADR292 respectively. Quiescent
XFET is a registered trademark of Analog Devices, Inc.
current is only 12
µA, making these devices ideal for battery-
powered instrumentation. Three electrical grades are available
offering initial output accuracies of
±2 mV, ±3 mV and ± 6 mV
max for the ADR290 and ADR291, and
± 3 mV, ±4 mV and
±6 mV max for the ADR292. Temperature coefficients for the
three grades are 8 ppm/
°C, 15 ppm/°C, and 25 ppm/°C max,
respectively. Line regulation and load regulation are typically
30 ppm/V and 30 ppm/mA, maintaining the reference’s overall
high performance. For a device with 5.0 V output, refer to the
ADR293 data sheet.
The ADR290, ADR291, and ADR292 references are specified
over the extended industrial temperature range of –40
°C to
+125
°C. Devices are available in the 8-lead SOIC and 8-lead
TSSOP packages.
ADR29x Product
Output Voltage
Initial Accuracy
Temperature Coefficient
Part Number
(V)
(%)
(ppm/ C) Max
ADR290
2.048
0.10, 0.15, 0.29
8, 15, 25
ADR291
2.500
0.08, 0.12, 0.24
8, 15, 25
ADR292
4.096
0.07, 0.10, 0.15
8, 15, 25
ADR293
5.000
(See ADR293 Data Sheet)


유사한 부품 번호 - ADR291GRU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR291GRUZ AD-ADR291GRUZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291GRUZ-REEL AD-ADR291GRUZ-REEL Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results

유사한 설명 - ADR291GRU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR391 AD-ADR391 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com