전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR292GR-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADR292GR-REEL7
상세설명  Low Noise Micropower Precision Voltage References
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR292GR-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADR292GR-REEL7 Datasheet HTML 4Page - Analog Devices ADR292GR-REEL7 Datasheet HTML 5Page - Analog Devices ADR292GR-REEL7 Datasheet HTML 6Page - Analog Devices ADR292GR-REEL7 Datasheet HTML 7Page - Analog Devices ADR292GR-REEL7 Datasheet HTML 8Page - Analog Devices ADR292GR-REEL7 Datasheet HTML 9Page - Analog Devices ADR292GR-REEL7 Datasheet HTML 10Page - Analog Devices ADR292GR-REEL7 Datasheet HTML 11Page - Analog Devices ADR292GR-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REV. B
ADR290/ADR291/ADR292
–8–
TEMPERATURE – C
14
12
4
–50
125
–25
0
255075
100
10
8
6
VS = 5V
ADR290
ADR291
ADR292
TPC 7. ADR290/ADR291/ADR292 Supply Current vs.
Temperature
TEMPERATURE – C
100
80
0
–50
125
–25
0
255075
100
60
40
20
ADR290: VS = 2.7V TO 15V
ADR291: VS = 3.0V TO 15V
ADR292: VS = 4.5V TO 15V
ADR290
ADR292
ADR291
IOUT = 0mA
TPC 8. ADR290/ADR291/ADR292 Line Regulation vs.
Temperature
TEMPERATURE – C
100
80
0
–50
125
–25
0
255075
100
60
40
20
ADR290: VS = 2.7V TO 7.0V
ADR291: VS = 3.0V TO 7.0V
ADR292: VS = 4.5V TO 9.0V
ADR292
ADR290
IOUT = 0mA
ADR291
TPC 9. ADR290/ADR291/ADR292 Line Regulation vs.
Temperature
LOAD CURRENT – mA
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +25 C
TA = –40 C
TA = +125 C
TPC 10. ADR290 Minimum Input-Output Voltage
Differential vs. Load Current
LOAD CURRENT – mA
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +25 C
TA = –40 C
TA = +125 C
TPC 11. ADR291 Minimum Input-Output Voltage
Differential vs. Load Current
LOAD CURRENT – mA
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +25 C
TA = –40 C
TA = +125 C
TPC 12. ADR292 Minimum Input-Output Voltage
Differential vs. Load Current


유사한 부품 번호 - ADR292GR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR292GRUZ AD-ADR292GRUZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRUZ-REEL7 AD-ADR292GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRZ-REEL7 AD-ADR292GRZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results

유사한 설명 - ADR292GR-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
ADR391 AD-ADR391 Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com