전자부품 데이터시트 검색엔진 |
|
ADV473KP66 데이터시트(PDF) 5 Page - Analog Devices |
|
ADV473KP66 데이터시트(HTML) 5 Page - Analog Devices |
5 / 12 page ADV473 –5– REV. A PIN FUNCTION DESCRIPTION BLANK Composite Blank Control Input (TTL Compatible). A logic zero drives the analog outputs to the blanking level. It is latched on the rising edge of CLOCK. When BLANK is a logical zero, the pixel and overlay inputs are ignored. SYNC Composite SYNC Control Input (TTL Compatible). A logical zero on this input switches off a 40 IRE current source on the analog outputs. SYNC does not override any other control or data input; therefore, it should be asserted only during the blanking interval. It is latched on the rising edge of CLOCK. If sync information is not required on the analog outputs, SYNC should be connected to ground. CLOCK Clock Input (TTL Compatible). The rising edge of CLOCK latches the R0–R7, G0–G7, B0–B7, S0, S1, OL0–OL3, SYNC, and BLANK inputs. It is typically the pixel clock rate of the video system. It is recommended that CLOCK be driven by a dedicated TTL buffer. R0–R7 Red, Green and Blue Select Inputs (TTL Compatible). These inputs specify, on a pixel basis, the color value to B0–B7 be written to the DACs. They are latched on the rising edge of CLOCK. R0, G0 and B0 are the LSBs. Unused G0–G7 inputs should be connected to GND. S0, S1 Color Mode Select Inputs (TTL Compatible). These inputs specify the mode of operation as shown in Table III. They are latched on the rising edge of CLOCK. OL0–OL3 Overlay Select Inputs (TTL Compatible). These inputs specify which palette is to be used to provide color information. When accessing the overlay palette, the R0–R7, G0–G7, B0–B7, S0 and S1 inputs are ignored. They are latched on the rising edge of CLOCK. OL0 is the LSB. Unused inputs should be connected to GND. IOR, IOG, IOB Red, Green, and Blue Current Outputs. These high impedance current sources are capable of directly driving a doubly terminated 75 Ω coaxial cable. RSET Full-Scale Adjust Resistor. A resistor (RSET) connected between this pin and GND controls the magnitude of the full-scale video signal. The relationship between RSET and the full-scale output current on each output is: RSET (Ω) = 3,195 × VREF (V)/IOUT (mA) SETUP = 7.5 IRE) RSET (Ω) = 3,025 × VREF (V)/IOUT (mA) SETUP = 0 IRE) COMP Compensation Pin. These pins should be connected together at the chip and connected through 0.1 µF ceramic capacitor to VAA. VREFIN Voltage Reference Input. This input requires a 1.2 V reference voltage. This is achieved through the on-board voltage reference generator by connecting VREFOUT to VREFIN. If an external reference is used, it must supply this input with a 1.2 V (typical) reference. VREFOUT Voltage Reference Output. This output delivers a 1.2 V reference voltage from the device’s on-board voltage reference generator. It is normally connected directly to the VREFIN pin. If it is preferred to use an external voltage reference, this pin may be left floating. Up to four ADV473s can be driven from VREFOUT. VAA Analog power. All VAA pins must be connected. GND Analog Ground. All GND pins must be connected. WR Write Control Input (TTL Compatible). D0–D7 data is latched on the rising edge of WR, and RS0–RS2 are latched on the falling edge of WR during MPU write operations. RD and WR should not be asserted simultaneously. RD Read Control Input (TTL Compatible). To read data from the device, RD must be a logical zero. RS0–RS2 are latched on the falling edge of RD during MPU read operations. RD and WR should not be asserted simultaneously. RS0, RS1, RS2 Register Select Inputs (TTL Compatible). RS0–RS2 specify the type of read or write operation being performed. D0–D7 Data Bus (TTL Compatible). Data is transferred into and out of the device over this eight-bit bidirectional data bus. D0 is the least significant bit. CR0–CR7 Control Outputs (TTL Compatible). These outputs are used to control application specific features. The output values are determined by the contents of the command register (CR). |
유사한 부품 번호 - ADV473KP66 |
|
유사한 설명 - ADV473KP66 |