전자부품 데이터시트 검색엔진 |
|
ADV7150LS135 데이터시트(PDF) 11 Page - Analog Devices |
|
ADV7150LS135 데이터시트(HTML) 11 Page - Analog Devices |
11 / 36 page ADV7150 –11– REV. A Mnemonic Function R/W Read/Write Control (TTL Compatible Input). This input determines whether data is written to or read from the device’s registers and color palette RAM. R/W and CE must be at Logic “0” to write data to the part. R/W must be at Logic “1” and CE at Logic “0” to read from the device. C0, C1 Command Controls (TTL Compatible Inputs). These inputs determine the type of read or write operation being performed on the device over the databus (see Interface Truth Table). Data on these inputs is latched on the falling edge of CE. IOR; IOR, IOG; IOG, IOB; Red, Green and Blue Current Outputs (High Impedance Current Sources). These RGB IOB video outputs are specified to directly drive RS-343A and RS-170 video levels into dou- bly terminated 75 Ω loads. IOR , IOG and IOB are the complementary outputs of IOR, IOG and IOB. These out- puts can be tied to GND if it is not required to use differential outputs. VREF Voltage Reference Input (Analog Input). An external 1.235 V voltage reference is re- quired to drive this input. An AD589 (2-terminal voltage reference) or equivalent is rec- ommended. (Note: It is not recommended to use a resistor network to generate the voltage reference.) RSET Output Full-Scale Adjust Control (Analog Input). A resistor connected between this pin and analog ground controls the absolute amplitude of the output video signal. The value of RSET is derived from the full-scale output current on IOG according to the following equations: RSET ( Ω) = C1 × V REF/IOG (mA); SYNC on GREEN RSET (Ω) = C2 × VREF/IOG (mA); NO SYNC on GREEN. Full-Scale output currents on IOR and IOB for a particular value of RSET are given by: IOR (mA)= C2 × V REF(V)/RSET (Ω) and IOB (mA) = C2 × V REF (V)/RSET (Ω) where C1 = 6,050; PEDESTAL = 7.5 IRE where C1 = 5,723; PEDESTAL = 0 IRE and where C2 = 4,323; PEDESTAL = 7.5 IRE where C1 = 3,996; PEDESTAL = 0 IRE. COMP Compensation Pin. A 0.1 µF capacitor should be connected between this pin and V AA. IPLL Phase Lock Loop Output Current (High Impedance Current Source). This output is used to enable multiple ADV7150s along with ADV7151s to be synchronized together with pixel resolution when using an external PLL. This output is triggered either from the falling edge of SYNC or BLANK as determined by bit CR21 of Command Register 2. When activated, it supplies a current corresponding to: IPLL (mA) = 1,728 × VREF(V)/RSET (Ω) When not using the IPLL function, this output pin should be tied to GND. VAA Power Supply (+5 V ± 5%). The part contains multiple power supply pins, all should be connected together to one common +5 V filtered analog power supply. GND Analog Ground. The part contains multiple ground pins, all should be connected together to the system’s ground plane. |
유사한 부품 번호 - ADV7150LS135 |
|
유사한 설명 - ADV7150LS135 |