전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7196AKS 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADV7196AKS
상세설명  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7196AKS 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADV7196AKS Datasheet HTML 7Page - Analog Devices ADV7196AKS Datasheet HTML 8Page - Analog Devices ADV7196AKS Datasheet HTML 9Page - Analog Devices ADV7196AKS Datasheet HTML 10Page - Analog Devices ADV7196AKS Datasheet HTML 11Page - Analog Devices ADV7196AKS Datasheet HTML 12Page - Analog Devices ADV7196AKS Datasheet HTML 13Page - Analog Devices ADV7196AKS Datasheet HTML 14Page - Analog Devices ADV7196AKS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
REV. 0
ADV7196A
–11–
Input/Output Configuration
Table I shows possible input/output configurations when using
the ADV7196A.
Table I.
Input Format
Output
YCrCb Progressive Scan
4:2:2
2
×
4:4:4
1
× or 2×
YCrCb HDTV
4:2:2
1
×
4:4:4
1
×
RGB Progressive Scan
4:4:4
2
×
RGB HDTV
4:4:4
1
×
Async Timing Mode
All Inputs
1
×
10
0
–80
–40
–50
–60
–70
–20
–30
–10
5
10152025
0
30
Figure 8. 2
× Interpolation Filter – Y-Channel
10
0
–80
–40
–50
–60
–70
–20
–30
–10
5
10152025
0
30
Figure 9. Interpolation Filter – CrCb Channels for 4:2:2
Input Data
10
0
–80
–40
–50
–60
–70
–20
–30
–10
5
10152025
0
30
Figure 10. Interpolation Filter – CrCb Channels for 4:4:4
Input Data
MPU PORT DESCRIPTION
The ADV7196A support a 2-wire serial (I
2C-compatible) micro-
processor bus driving multiple peripherals. Two inputs, Serial Data
(SDA) and Serial Clock (SCL), carry information between any
device connected to the bus. Each slave device is recognized by a
unique address. The ADV7196A has four possible slave addresses
for both read and write operations. These are unique addresses
for each device and illustrated in Figure 11. The LSB sets either
a read or write operation. Logic Level “1” corresponds to a read
operation while Logic Level “0” corresponds to a write opera-
tion. A1 is set by setting the ALSB pin of the ADV7196A to Logic
Level “0” or Logic Level “1.” When ALSB is set to “0,” there is
greater input bandwidth on the I
2C lines, which allows high-
speed data transfers on this bus. When ALSB is set to “1,” there
is reduced input bandwidth on the I
2C lines, which means that
pulses of less than 50 ns will not pass into the I
2C internal control-
ler. This mode is recommended for noisy systems.
1
X
1
0
1
01
A1
ADDRESS
CONTROL
SET UP BY
ALSB
READ/
WRITE
CONTROL
0
WRITE
1READ
Figure 11. Slave Address
To control the various devices on the bus the following protocol
must be followed. First the master initiates a data transfer by
establishing a Start condition, defined by a high-to-low transi-
tion on SDA while SCL remains high. This indicates that an
address/data stream will follow. All peripherals respond to the
Start condition and shift the next eight bits (7-bit address + R/
W
bit). The bits are transferred from MSB down to LSB. The
peripheral that recognizes the transmitted address responds by
pulling the data line low during the ninth clock pulse. This is
known as an acknowledge bit. All other devices withdraw from
the bus at this point and maintain an idle condition. The idle
condition is where the device monitors the SDA and SCL lines
waiting for the Start condition and the correct transmitted address.
The R/
W bit determines the direction of the data.


유사한 부품 번호 - ADV7196AKS

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results

유사한 설명 - ADV7196AKS

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7197 AD-ADV7197 Datasheet
229Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7197 AD-ADV7197_15 Datasheet
252Kb / 20P
   Multiformat HDTV Encoder with Three 11-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com