전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E05U06DPYT 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD1E05U06DPYT
상세설명  1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPD1E05U06DPYT 데이터시트(HTML) 4 Page - Texas Instruments

  TPD1E05U06DPYT Datasheet HTML 1Page - Texas Instruments TPD1E05U06DPYT Datasheet HTML 2Page - Texas Instruments TPD1E05U06DPYT Datasheet HTML 3Page - Texas Instruments TPD1E05U06DPYT Datasheet HTML 4Page - Texas Instruments TPD1E05U06DPYT Datasheet HTML 5Page - Texas Instruments TPD1E05U06DPYT Datasheet HTML 6Page - Texas Instruments TPD1E05U06DPYT Datasheet HTML 7Page - Texas Instruments TPD1E05U06DPYT Datasheet HTML 8Page - Texas Instruments TPD1E05U06DPYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPD1E05U06
TPD4E05U06
TPD6E05U06
SLVSBO7B – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
QUAD CHANNEL TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
USAGE
NAME
PIN NO.
D1+
1
I/O
ESD protected channel
Connect it as close to the connector as possible
D1–
2
I/O
ESD protected channel
Connect it as close to the connector as possible
D2+
4
I/O
ESD protected channel
Connect it as close to the connector as possible
D2–
5
I/O
ESD protected channel
Connect it as close to the connector as possible
Used for optional straight-through routing from D+;
NC
6, 7, 9, 10
NC
No connect
otherwise can be left floating or grounded
GND
3, 8
GND
Ground
Connect to ground
QUAD CHANNEL TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
USAGE
NAME
PIN NO.
D1+
14
I/O
ESD protected channel
Connect it as close to the connector as possible
D1–
13
I/O
ESD protected channel
Connect it as close to the connector as possible
D2+
12
I/O
ESD protected channel
Connect it as close to the connector as possible
D2–
12
I/O
ESD protected channel
Connect it as close to the connector as possible
D3+
9
D3–
8
1, 2, 3, 4, 6,
Used for optional straight-through routing from D+;
NC
NC
No connect
7
otherwise can be left floating or grounded
GND
5, 10
GND
Ground
Connect to ground
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
TA
Operating free-air temperature range
–40
125
°C
Tstg
Storage temperature range
–65
155
°C
IEC 61000-4-2 Contact Discharge
±12
kV
ESD protection
IEC 61000-4-2 Air-Gap Discharge
±15
kV
IPP
Peak pulse current (tp = 8/20 μs)
2.5
A
PPP
Peak pulse power (tp = 8/20 μs)
40
W
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPD1E05U06 TPD4E05U06 TPD6E05U06


유사한 부품 번호 - TPD1E05U06DPYT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E05U06DPYT TI1-TPD1E05U06DPYT Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06DPYT TI-TPD1E05U06DPYT Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06DPYT TI-TPD1E05U06DPYT Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
More results

유사한 설명 - TPD1E05U06DPYT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com