전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4S214YFFR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD4S214YFFR
상세설명  USB OTG Companion Device with VBUS Over Voltage, Over Current Protection, and Four Channel ESD Clamps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPD4S214YFFR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPD4S214YFFR Datasheet HTML 4Page - Texas Instruments TPD4S214YFFR Datasheet HTML 5Page - Texas Instruments TPD4S214YFFR Datasheet HTML 6Page - Texas Instruments TPD4S214YFFR Datasheet HTML 7Page - Texas Instruments TPD4S214YFFR Datasheet HTML 8Page - Texas Instruments TPD4S214YFFR Datasheet HTML 9Page - Texas Instruments TPD4S214YFFR Datasheet HTML 10Page - Texas Instruments TPD4S214YFFR Datasheet HTML 11Page - Texas Instruments TPD4S214YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
OTG 5 V
Source
COTG*
USB Controller
+
Detection
System Side Supply
(1.8 V to 3.6 V)
ADJ
VOTG_IN
VBUS
D+
D–
ID
DET
FLT\
EN
GND
CBUS*
VBUS
D+
D–
TPD4S214
USB Connector
TX+
TX–
GND
RX+
RX–
OTG 5 V
Source
COTG*
USB Controller
ADJ
VOTG_IN
VBUS
D+
D–
ID
DET
FLT\
EN
GND
CBUS*
VBUS
D+
D–
ID
TPD4S214
USB Connector
System Side Supply
(1.8 V to 3.6 V)
TPD4S214
SLVSBR1A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
Figure 3. USB 2.0 Application Diagram Using On-chip VBUS Detect
*CBUS and COTG have minimum recommended values of 1 µF each
Figure 4. USB 3.0 Application Diagram Without Using On-chip VBUS Detect
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPD4S214


유사한 부품 번호 - TPD4S214YFFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
706Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 17P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 18P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009 Datasheet
1Mb / 20P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results

유사한 설명 - TPD4S214YFFR

제조업체부품명데이터시트상세설명
logo
Will Semiconductor Ltd.
WS3218 WILLSEMI-WS3218 Datasheet
457Kb / 10P
   Over-Voltage Protection Device for USB 2.0 Compliant VBUS and Data Switches
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com